Electronic Components Datasheet Search
  English  ▼

X  

STE2007DIE2 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 22Page - STMicroelectronics STE2007DIE2 Datasheet HTML 23Page - STMicroelectronics STE2007DIE2 Datasheet HTML 24Page - STMicroelectronics STE2007DIE2 Datasheet HTML 25Page - STMicroelectronics STE2007DIE2 Datasheet HTML 26Page - STMicroelectronics STE2007DIE2 Datasheet HTML 27Page - STMicroelectronics STE2007DIE2 Datasheet HTML 28Page - STMicroelectronics STE2007DIE2 Datasheet HTML 29Page - STMicroelectronics STE2007DIE2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
4 INTERFACE
STE2007
26/62
4.4
Reading Mode
STE2007 features a reading Command to transmitt data from the LCD driver to Host
Processor. After the reading command STE2007 transfers 8 bits to the Host controller:
–
Identification Byte (Command Code DBhex)
4.4.1
IIdentification byte
Identification byte is an 8 Bit code that identify the module revision Number.
Table 15.
ID byte format
Figure 18.
Figure 19.
Bit nr
D7(MSB) D6
D5
D4
D3
D2
D1
D0(LSB)
0
0
IDB PAD
IDA PAD
0
0
0
0
ASIC(MCU)
STE2007
SDA
SCLK
XCS
Power IC
VDD
VDDI
GND
RESET
VLCD
Voltage booster
LCD Power
Supply circuit
Driver TxData
MCU TxData
Driver side
BaseBand side
Auto
return
ID
Multi
plexer
Command decoder
test
VDD
VDDI
VSS
VSSCP
VDDCP
Send rading command (DBh)
Read status(ID data)
Send reset command
Identification Information
Command:E2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com