Electronic Components Datasheet Search
  English  ▼

X  

SAMA5D2 Datasheet(PDF) 12 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology SAMA5D2 Datasheet HTML 10Page - Microchip Technology SAMA5D2 Datasheet HTML 11Page - Microchip Technology SAMA5D2 Datasheet HTML 12Page - Microchip Technology SAMA5D2 Datasheet HTML 13Page - Microchip Technology SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Table 6-2. Ball Description
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
W11
U13
M8
VDDSDMMC
GPIO_EMMC
PA0
I/O
–
–
A
SDMMC0_CK
I/O
1
PIO, I, PU, ST
B
QSPI0_SCK
O
1
F
D0
I/O
2
R9
N7
F7
VDDSDMMC
GPIO_EMMC
PA1
I/O
–
–
A
SDMMC0_CMD
I/O
1
PIO, I, PU, ST
B
QSPI0_CS
O
1
F
D1
I/O
2
W12
U14
L8
VDDSDMMC
GPIO_EMMC
PA2
I/O
–
–
A
SDMMC0_DAT0
I/O
1
PIO, I, PU, ST
B
QSPI0_IO0
I/O
1
F
D2
I/O
2
V11
T13
G8
VDDSDMMC
GPIO_EMMC
PA3
I/O
–
–
A
SDMMC0_DAT1
I/O
1
PIO, I, PU, ST
B
QSPI0_IO1
I/O
1
F
D3
I/O
2
W14
U15
K8
VDDSDMMC
GPIO_EMMC
PA4
I/O
–
–
A
SDMMC0_DAT2
I/O
1
PIO, I, PU, ST
B
QSPI0_IO2
I/O
1
F
D4
I/O
2
V10
U16
P9
VDDSDMMC
GGPIO_EMMC
PA5
I/O
–
–
A
SDMMC0_DAT3
I/O
1
PIO, I, PU, ST
B
QSPI0_IO3
I/O
1
F
D5
I/O
2
W15
U17
P10
VDDSDMMC
GPIO_EMMC
PA6
I/O
–
–
A
SDMMC0_DAT4
I/O
1
PIO, I, PU, ST
B
QSPI1_SCK
O
1
D
TIOA5
I/O
1
E
FLEXCOM2_IO0
I/O
1
F
D6
I/O
2
W16
R11
P11
VDDSDMMC
GPIO_EMMC
PA7
I/O
–
–
A
SDMMC0_DAT5
I/O
1
PIO, I, PU, ST
B
QSPI1_IO0
I/O
1
D
TIOB5
I/O
1
E
FLEXCOM2_IO1
I/O
1
F
D7
I/O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56