Electronic Components Datasheet Search
  English  ▼

X  

DS2291 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2291
Description  T1 Long Loop Stik
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2291 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2291 Datasheet HTML 1Page - Maxim Integrated Products DS2291 Datasheet HTML 2Page - Maxim Integrated Products DS2291 Datasheet HTML 3Page - Maxim Integrated Products DS2291 Datasheet HTML 4Page - Maxim Integrated Products DS2291 Datasheet HTML 5Page - Maxim Integrated Products DS2291 Datasheet HTML 6Page - Maxim Integrated Products DS2291 Datasheet HTML 7Page - Maxim Integrated Products DS2291 Datasheet HTML 8Page - Maxim Integrated Products DS2291 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DS2291
022798 3/10
PIN DESCRIPTION Table 1
PIN
SYMBOL
I/O
DESCRIPTION
1,2
VDD
-
Positive Supply. 5.0 volts.
3
RCLK
O
Receive Clock. Recovered 1.544 MHz clock.
4
5
RPOS
RNEG
O
Receive Bipolar Data. Recovered bipolar data; updated on the
rising edge of RCLK. Bipolar violations are not corrected.
6
LCLK
I
Loopback Clock. Clock for loopback data. Internally pulled low
by 100K ohm.
7
8
LPOS
LNEG
I
Loopback Bipolar Data. Samples on the falling edge of LCLK
if LB is tied high. Internally pulled low by 100K ohm.
9
LB
I
Loopback Enable. Tie high to loopback data from the LPOS
and LNEG inputs to RPOS and RNEG; tie low or leave open to
obtain recovered data out of the ALBO circuitry at RPOS and
RNEG. Internally pulled low by 100K ohm.
14
RCL
O
Receive Carrier Loss. Transitions high when 192 consecutive
zeros have been received at RX+ and RX-; reset on the next
ones occurrence.
15
BPV
O
Receive Bipolar Violation. Transitions high for a full bit period
when a bipolar violation appears at RX+ and RX-. B8ZS code
words are not reported if B8ZS is tied high.
16
LOCK
O
Lock Indication. High state indicates that the recovery circuit is
phase-and frequency-locked to the signal at RX+ and RX-.
17
BL
O
Buffer Limit. Transitions high when the incoming jitter at RX+
and RX- is greater than 120Ulpp.
19
DJA
I
Disable Jitter Attenuation. Tie high to disable the jitter attenu-
ation circuitry; tie low to enable the jitter attenuation circuitry.
Internally pulled low by 100K ohm.
20
B8ZS
I
B8ZS Enable. If tied high, incoming B8ZS code words are de-
coded and replaced with eight zeros. If tied low, B8ZS code
words are not decoded. Internally pulled low by 100K ohm.
21
RST
I
Reset. Active low; a high-low-high transition will recenter the
dejitter buffer. Internally pulled high by 100K ohm.
22, 23
GND
-
Ground. 0.0 volts.
29
30
RX+
RX-
I
O
Receive Analog Input. Connects to T1 line through a 2:1 trans-
former. See Figure 4.
NOTE:
Do not connect any signal to pins 10, 11, 12, 13, 18, 24, 25, 26, 27, or 28.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com