Electronic Components Datasheet Search
  English  ▼

X  

DS2175 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2175
Description  T1/CEPT Elastic Store
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2175 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2175 Datasheet HTML 1Page - Maxim Integrated Products DS2175 Datasheet HTML 2Page - Maxim Integrated Products DS2175 Datasheet HTML 3Page - Maxim Integrated Products DS2175 Datasheet HTML 4Page - Maxim Integrated Products DS2175 Datasheet HTML 5Page - Maxim Integrated Products DS2175 Datasheet HTML 6Page - Maxim Integrated Products DS2175 Datasheet HTML 7Page - Maxim Integrated Products DS2175 Datasheet HTML 8Page - Maxim Integrated Products DS2175 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS2175
5 of 12
RECEIVE SIDE TIMING (RCLK = 1.544 MHz) Figure 2
RECEIVE SIDE TIMING (RCLK = 2.048 MHz) Figure 3
NOTES:
1. All channel data is passed through the elastic store in 2.048 MHz system side applications
(SCLKSEL = 1);
2. Data in channels >24 is ignored in 1.544 MHz system side applications (SCLKSEL = 0).
SYSTEM MULTIFRAME BOUNDARY TIMING (SYSCLK = 1.544 MHz) Figure 4
NOTES:
1. In 1.544 MHz receive side applications (RCLKSEL=0), the F–bit position contains F–bit data
extracted from the data stream at RSER. The F–bit position is forced to “1” in 2.048 MHz receive
side applications (RCLKSEL=1).
2. In 2.048 MHz receive side applications (RCLKSEL=1), the E–bit position is forced to “1” and data in
channels >24 is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com