Electronic Components Datasheet Search
  English  ▼

X  

DS2152LN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2152LN
Description  Enhanced T1 Single-Chip Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2152LN Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2152LN Datasheet HTML 1Page - Maxim Integrated Products DS2152LN Datasheet HTML 2Page - Maxim Integrated Products DS2152LN Datasheet HTML 3Page - Maxim Integrated Products DS2152LN Datasheet HTML 4Page - Maxim Integrated Products DS2152LN Datasheet HTML 5Page - Maxim Integrated Products DS2152LN Datasheet HTML 6Page - Maxim Integrated Products DS2152LN Datasheet HTML 7Page - Maxim Integrated Products DS2152LN Datasheet HTML 8Page - Maxim Integrated Products DS2152LN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
1 of 97
REV: 011706
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
Complete DS1/ISDN-PRI Transceiver
Functionality
Line Interface can Handle Both Long- and
Short-Haul Trunks
32-Bit or 128-Bit Crystal-Less Jitter
Attenuator
Generates DSX-1 and CSU Line Build-Outs
Frames to D4, ESF, and SLC-96R Formats
Dual On-Board Two-Frame Elastic Store Slip
Buffers That can Connect to Asynchronous
Backplanes Up to 8.192MHz
8-Bit Parallel Control Port That can be Used
Directly on Either Multiplexed or
Nonmultiplexed Buses (Intel or Motorola)
Extracts and Inserts Robbed-Bit Signaling
Detects and Generates Yellow (RAI) and
Blue (AIS) Alarms
Programmable Output Clocks for Fractional
T1
Fully Independent Transmit and Receive
Functionality
Integral HDLC Controller with 16-Byte
Buffers for the FDL
Generates and Detects In-Band Loop Codes
from 1 to 8 bits in Length Including CSU
Loop Codes
Contains ANSI Ones Density Monitor and
Enforcer
Large Path and Line Error Counters Including
BPV, CV, CRC6, and Framing Bit Errors
Pin Compatible with DS2154 E1 Enhanced
Single-Chip Transceiver
5V Supply; Low-Power CMOS
100-Pin, 14mm2 LQFP Package
PIN CONFIGURATION
ORDERING INFORMATION
PART
TEMP
RANGE
PIN-
PACKAGE
DS2152L
0
°C to +70°C
100 LQFP
DS2152L+
0
°C to +70°C
100 LQFP
DS2152LN
-40
°C to +85°C 100 LQFP
DS2152LN+
-40
°C to +85°C 100 LQFP
+Denotes lead-free/RoHS-compliant package.
DS2152
Enhanced T1 Single-Chip Transceiver
www.maxim-ic.com
1
DS2152
LQFP
(14mm x 14mm)
TOP VIEW


Similar Part No. - DS2152LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2152LN DALLAS-DS2152LN Datasheet
1,003Kb / 94P
Enhanced T1 Single-Chip Transceiver
More results

Similar Description - DS2152LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
Enhanced T1 Single-Chip Transceiver
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Dallas Semiconductor
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com