Electronic Components Datasheet Search
  English  ▼

X  

DS2117M Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2117M
Description  Ultra3 LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2117M Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2117M Datasheet HTML 1Page - Maxim Integrated Products DS2117M Datasheet HTML 2Page - Maxim Integrated Products DS2117M Datasheet HTML 3Page - Maxim Integrated Products DS2117M Datasheet HTML 4Page - Maxim Integrated Products DS2117M Datasheet HTML 5Page - Maxim Integrated Products DS2117M Datasheet HTML 6Page - Maxim Integrated Products DS2117M Datasheet HTML 7Page - Maxim Integrated Products DS2117M Datasheet HTML 8Page - Maxim Integrated Products DS2117M Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS2117M
2 of 9
REFERENCE DOCUMENTS
Small Computer Systems Interface (SCSI-3) SCSI Parallel Interface (SPI) Project: 0855-M, 1995
Small Computer Systems Interface (SCSI-3) SCSI Parallel Interface 2 (SPI-2) Project: 1142-M, 1998
Small Computer Systems Interface (SCSI-3) SCSI Parallel Interface 3 (SPI-3) Project: 1302-D, 1999
Small Computer Systems Interface (SCSI-3) SCSI Parallel Interface 4 (SPI-4) Project: 1365-D, xxxx
AVAILABLE FROM:
American National Standards Institute (ANSI) Phone: (212) 642-4900
Global Engineering Documents 15 Inverness Way East; Englewood, CO 80112 Phone: (800) 854-7179
FUNCTIONAL DESCRIPTION
The DS2117 combines LVD and SE termination with DIFFSENSE sourcing and detection.
A bandgap reference is fed into two amplifiers, which creates a 1.25V reference voltage and a 2.85V
reference voltage. The control logic determines which of these references are applied to the termination
resistors. If the SCSI bus is in LVD mode, the 1.25V reference is used. If the SCSI bus is in SE mode, the
2.85V reference is used. That same control logic switches in/out parallel resistors to change the total
termination resistance accordingly. Finally, in SE mode the RP pins are switched to ground.
The DIFFSENSE circuitry decodes trinary logic. There will be one of three voltages on the SCSI control
line called DIFFSENS. Two comparators and a NAND gate determine if the voltage is below 0.6V, above
2.15V, or in between. That indicates the mode of the bus to be HVD, SE, or LVD, respectively.
The DS2117M’s DIFF_CAP pin monitors the DIFFSENS line to determine the proper operating mode of
the device; this mode is indicated by the SE/LVD/HVD outputs. The DIFFSENSE pin can also drive the
SCSI DIFFSENS line (when MSTR/SLV = 1) to determine the SCSI bus operating mode. The DS2117M
switches to the termination mode that is appropriate for the bus based on the value of the DIFFSENS
voltage. These modes are LVD mode, SE mode, and HVD isolation mode.
LVD Mode
LVD termination is provided by a precision laser-trimmed resistor string with two current sources. This
configuration yields a 105
Ω differential and 150Ω common-mode impedance. A fail-safe bias of 112mV
is maintained when no drivers are connected to the SCSI bus.
SE Mode
When the external driver for a given signal line turns off, the active terminator pulls that signal line to
2.85V (quiescent state). When used with an active negation driver, the power amp can sink 22mA per line
while keeping the voltage reference in regulation. The terminating resistors maintain their 110
Ω value.
HVD Isolation Mode
The DS2117M identifies that there is an HVD (high voltage differential) device on the SCSI bus and
isolates the termination pins from the bus.
When ISO is pulled high, the termination pins are isolated from the SCSI bus, VREF is grounded, and the
bus mode indicators (SE/LVD/HVD) remain active. During thermal shutdown, the termination pins are
isolated from the SCSI bus, VREF is grounded, and the bus mode indicators (SE/LVD/HVD) remain
active. The DIFFSENSE driver is shut down during either of these two events.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com