Electronic Components Datasheet Search
  English  ▼

X  

SL5067 Datasheet(PDF) 2 Page - General Electric Company

Part # SL5067
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067 Datasheet(HTML) 2 Page - General Electric Company

  SL5067 Datasheet HTML 1Page - General Electric Company SL5067 Datasheet HTML 2Page - General Electric Company SL5067 Datasheet HTML 3Page - General Electric Company SL5067 Datasheet HTML 4Page - General Electric Company SL5067 Datasheet HTML 5Page - General Electric Company SL5067 Datasheet HTML 6Page - General Electric Company SL5067 Datasheet HTML 7Page - General Electric Company SL5067 Datasheet HTML 8Page - General Electric Company SL5067 Datasheet HTML 9Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SL5067
2
78
PRESCALER OUTPUTS
UHF
OSC
9
10
12
13
TANK
UHF
MIXER
UHF
1
2
MODULATED
OUTPUTS
4
VIDEO
INPUTS
75
W
CLAMP
AGC
VIDEO
MIXER
DRIVER
AUDIO
FM/AM
SELECT
AUDIO
OSC
15
16
TANK
SND
17
AUDIO
INPUT
18
PC/SC ADJUST
3
MOD INDEX
Fig. 2 SL5067 block diagram
ELECTRICAL CHARACTERISTICS
Tamb= –10°C to )80°C, VCC=)4.5V to )5.5V. These characteristics are guaranteed over the following conditions
(unless otherwise stated). They apply within the specified ambient temperature and supply voltage ranges.
Characteristics
Pin
Value
Units
Conditions
Characteristics
Pin
Min
Typ
Max
Units
Conditions
Supply Voltage
11, 19
4.5
5.5
V
Supply Current
11, 19
52
mA
VCC=5V
LO Prescaler Output Level
7, 8
10
mV RMS
Single ended into 50
W
LO Prescaler Output
Impedance
7, 8
50
W
LO drift with temp from
switch on
10, 12
70
kHz
See note 1
LO variation with supply
10, 12
330
kHz
See note 1, VCC = 4.5 to 5.5 V
RF carrier output level
1,2
84
dB
mV
unmodulated into 50
W
Video Input
4
0.5
1.0
1.5
Vp–p
Video mod index
1, 2
70
80
%
See note 2
Video Signal/Noise Ratio
1, 2
59
dB
Weighted PAL 200kHz – 5.5MHz
Sound Subcarrier
temperature drift from
switch on
15, 16
4
kHz
See note1
Sound drift with supply
15, 16
2.5
kHz
VCC = 4.5 to 5.5V
Audio Input Impedance
17
25
k
W
Audio Input Voltage
reference
17
2
V
Audio Input Level
17
0.88
1
Vp–p
Measured at pin 17
FM THD
1, 2
1
%
Q = 9,
Df = 35kHz
AM THD
1.2
1
%
Input level 880mV p–p
Picture/Sound Carrier Ratio
(FM)
1, 2
10
13
20
dB
R = 0, See note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com