Electronic Components Datasheet Search
  English  ▼

X  

TMP87PS39N Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP87PS39N
Description  CMOS 8-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP87PS39N Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP87PS39N Datasheet HTML 4Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 5Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 6Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 7Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 8Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 9Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 10Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 11Page - Toshiba Semiconductor TMP87PS39N Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TMP87PS39
2003-06-03
87PS39-9
DC Characteristics
(VSS 0 V, Topr
30 to 70 C)
Parameter
Symbol
Pins
Conditions
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis inputs
0.9
V
IIN1
TEST
VDD 5.5 V, VIN 5.5 V/0 V
2
IIN2
Open drain ports
VDD 5.5 V, VIN 5.5 V/0 V
2
IIN3
Tri-state ports
VDD 5.5 V, VIN 5.5 V/0 V
2
Input current
IIN4
RESET
, STOP
VDD 5.5 V, VIN 5.5 V/0 V
2
A
Input resistance
RIN2
RESET
100
220
450
k
ILO1
Sink open drain ports
VDD 5.5 V, VOUT 5.5 V
2
Output leakage
current
ILO2
Tri-state ports
VDD 5.5 V, VOUT 5.5 V/0 V
2
A
Output high voltage
VOH2
Tri-state ports
VDD 4.5 V, IOH
0.7 mA
4.1
Output low voltage
VOL
Except XOUT, OSC2
and ports P63 to P60
VDD 4.5 V, IOL 1.6 mA
0.4
V
Output low current
IOL3
Ports P63 to P60
VDD 4.5 V, VOL 1.0 V
20
Supply current in
NORMAL 1, 2 modes
13
20
Supply current in
IDLE 1, 2 modes
VDD 5.5 V
fc 8 MHz
fs 32.768 kHz
VIN 5.3 V/0.2 V
6.5
10
mA
Supply current in
SLOW mode
30
70
Supply current in
SLEEP mode
VDD 3.0 V
fs 32.768 kHz
VIN 2.8 V/0.2 V
15
35
Supply current in
STOP mode
IDD
VDD 5.5 V
VIN 5.3 V/0.2 V
0.5
10
A
Note 1: Typical values show those at Topr 25 C, VDD 5 V.
Note 2: Input Current IIN3; The current through pull-up resistor is not included.
Note 3: Supply Current IDD; The current (Typ. 0.5 mA) through ladder resistors of ADC is included in
NORMAL mode and IDLE mode.
AD Conversion Characteristics
(VSS 0 V, VDD 4.5 to 5.5 V, Topr
30 to 70 C)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
VDD
Supplied from VDD pin
VDD
Analog reference voltage
VSS
Supplied from VSS pin
0
0
Analog reference voltage
range
VAREF
VDD VSS
VDD
Analog input voltage
VAIN
VSS
VDD
V
Nonlinearity error
1
Zero point error
2
Full scale error
2
Total error
VDD 4.5 to 5.5V
3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com