Electronic Components Datasheet Search
  English  ▼

X  

SL5067MPEF Datasheet(PDF) 6 Page - General Electric Company

Part # SL5067MPEF
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067MPEF Datasheet(HTML) 6 Page - General Electric Company

Back Button SL5067MPEF Datasheet HTML 2Page - General Electric Company SL5067MPEF Datasheet HTML 3Page - General Electric Company SL5067MPEF Datasheet HTML 4Page - General Electric Company SL5067MPEF Datasheet HTML 5Page - General Electric Company SL5067MPEF Datasheet HTML 6Page - General Electric Company SL5067MPEF Datasheet HTML 7Page - General Electric Company SL5067MPEF Datasheet HTML 8Page - General Electric Company SL5067MPEF Datasheet HTML 9Page - General Electric Company SL5067MPEF Datasheet HTML 10Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SL5067
6
18
17
15
16
220p
220K
AUDIO INPUT
470n
120p
5.6
mH
(6MHz)
FM/AM
SEL
AUDIO I/P
SOUND
TANK
SL5067
3
4
5
330n
470nF
75
W
VIDEO
INPUT
SL5067
VIDEO MODULATION
INDEX SET
VIDEO INPUT
AGC HOLD
Fig. 9 Video input
Fig. 8. Typical FM sound section
VCC
120
120
45
9
10
12
13
45
5mA
SL5067
1.2p
1.2p
1.5p
1.5p
47K
47K
40nH
BB405
BB405
TUNING
VOLTAGE
Fig. 10 RF oscillator
Fig. 11 Modulated outputs
4mA
1
2
58
W
58
W
10
9
13
11
12
SL5067
NOTE:– both coils 24SWG
VCC
1.2p
1.2p
1.5p
1.5p
100n
100pF
2
½ turns 3mm ∅
1½ turns 3mm ∅
100p
5p6
BB405
22K
22K
10K
10n
VTUNE
Fig. 12 UHF application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com