Electronic Components Datasheet Search
  English  ▼

X  

LM7133 Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM7133
Description  Low dropout micro power consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM7133 Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM7133 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7133 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
■ 应用电路拓展:
1.基本电路
2.高输出电流正电压稳压电路
TR1
VIN
VOUT
VIN
VOUT
R1
C1=10uF
LM71XX
GND
C2=10uF
Common
Common
3.短路保护电路
4.输出电压扩展1
VOUT=VXX (1+R2/R1)+IssXR2
4.输出电压扩展2
VOUT=VXX+VD1
6.恒电流源电路
IOUT=Vxx/RA+Iss
Common
VIN
VIN
VOUT
LM71XX
GND
VOUT
C1=10uF
C2=10uF
Common
Common
VIN
Rs
TR1
VOUT
R1
C1=10uF
C2=10uF
Common
Common
VIN
VOUT
LM71XX
GND
VIN
VOUT
VIN
C1=10uF
VOUT
LM71XX
GND
Iss
Vxx
C2
10uF
R1
R2
Common
Common
VIN
VOUT
VIN
VOUT
C1=10uF
LM71XX
GND
Iss
D1
Vxx
C2
10uF
R1
Common
Common
VIN
VIN
VOUT
C1=10uF
LM71XX
GND
Iss
Vxx
C2
10uF
RA
IOUT
RL
LM71xx Series LDO
Rev :
www.leiditech.com
7/12
01.06.2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com