Electronic Components Datasheet Search
  English  ▼

X  

LM405E Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM405E
Description  -3 0VDS竊뤒?0VGS竊? A(ID) Dual P-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM405E Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM405E Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM405E Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM405E Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev : 01.06.2014
2/3
www.leiditech.com
Symbol
Parameter
Test Conditions
Min.
Typ
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=-250uA
-30
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
1
μA
TJ=85°C
30
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250uA
-1
-1.4
-3
V
BVGSO
Gate-Source Breakdown Voltage VDS=0V, IG=±250uA
±20
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±25V
100
nA
RDS(on)
Drain-Source On-Resistance
VGS=-10V, ID=-4A
55
60
mΩ
VGS=-4.5V, ID=-3A
80
95
VSD
Diode Forward Voltage
ISD=-1A,VGS=0V
-1.2
V
IS
Maximum Body-Diode Continuous Current
-2
A
Dynamic Parameters
Ciss
Input Capacitance
VGS=0V, VDS=-15V,
f=1MHz
980
pF
Coss
Output Capacitance
360
pF
Crss
Reverse Transfer Capacitance
146
pF
RG
Gate Resistance
VGS=0V, VDS=0V,
f=1MHz
6
Ω
Switching Parameters
Qg
Total Gate Charge
ID=-4A, VDS=-15V,
VGS=-10V
13
nC
Qgs
Gate Source Charge
2.5
nC
Qgd
Gate Drain Charge
2.9
nC
tD(on)
Turn-On DelayTime
VGS=-4.5V, VDD=-15V,
RG=6Ω
16
ns
tr
Turn-On Rise Time
12
ns
tD(off)
Turn-Off DelayTime
56
ns
tf
Turn-Off Fall Time
25
ns
trr
Body Diode Reverse Recovery
Time
IF=-4A, dI/dt=100A/μs
13
ns
Qrr
Body Diode Reverse Recovery
Charge
IF=-4A, dI/dt=100A/μs
7
nC
A: The value of RθJA is measured in a still air environment with T A =25°C. The value in any given application depends on the user's
specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: Pulse test: pulse width ≦ 300ns, duty cycle ≦ 2%.
D: Guaranteed by design, not subject to production testing.
LM405E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com