Electronic Components Datasheet Search
  English  ▼

X  

LM7144 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM7144
Description  Low dropout micro power consumption LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM7144 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM7144 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM7144 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM71xx Series LDO
■ 特性:
■
特性:
LM71XX 系列是使用 CMOS 技术开发的低压差,低功耗电流
高精度降压稳压电路。由于内置有低通态电阻晶体管,因而输
入输出压差低,且最高工作电压可达 18V。
·输出电压精度高。
精度±3%
·输入输出压差低。
典型值 20mV Iout=1mA
·超低功耗电流。
典型值 1.2uA
·低输出电压温漂
典型值 50 ppm /℃
·输入耐压。
18V 保持输出稳压
·输出短路保护
短路电流 30 mA
■ 用途:
·使用电池供电设备的稳压电源
·通信设备的稳压电源
·家电玩具的稳压电源
·移动电话用的稳压电源
·便携式医用仪器稳压电源
■ 产品目录
型号
输出电压(注)
精度
打印 MARK
TO-92
打印 MARK
SOT-89-3L
打印 MARK
SOT 23-3L
LM7130
3.0V
±3%
7130
7130
-30
LM7133
3.3V
±3%
7133
7133
-33
LM7136
3.6V
±3%
7136
7136
-36
LM7140
4.0V
±3%
7140
7140
-40
LM7144
4.4V
±3%
7144
7144
-44
LM7150
5.0V
±3%
7150
7150
-50
注: 在希望使用上述输出电压档以外的产品,客户可要求定制,输出电压范围 3.0V~5.2V,每 0.1V 进行细分。
■ 引脚排列
TO-92
1
2
3
SOT89-3
1
2
3
低压差微功耗 LDO
引脚编号
引脚名称
功能特性
1
GND
接地端
2
VDD
电源输入端
3
VOUT
输出端
71XX
引脚编号
引脚名称
功能特性
1
GND
接地端
2
VDD
电源输入端
3
VOUT
输出端
71XX
Rev :
www.leiditech.com
1/12
01.06.2021


Similar Part No. - LM7144

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM71 TI2-LM71 Datasheet
760Kb / 21P
LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
REVISED AUGUST 2018
LM71-Q1 TI-LM71-Q1 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM7144

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
Low Power Consumption LDO
July 30, 2004
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
ACE Technology Co., LTD...
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
Low power consumption, CMOS LDO
logo
AiT Semiconductor Inc.
A6140 AITSEMI-A6140 Datasheet
692Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com