Electronic Components Datasheet Search
  English  ▼

X  

LM0605H Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0605H
Description  Carbonyl powder inductor.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0605H Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0605H Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Note : When there are questions concerning measurement result : measurement shall be made after 48 ± 2 hours
of recovery under the standard condition.
Item
Performance
Test Condition
Shock
Appearance:No damage.
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:within ±15% of initial value and shall not
exceed the specification value
Bending
Shall be mounted on a FR4 substrate of the
following dimensions: >=0805:40x100x1.2mm
<0805:40x100x0.8mm
Bending depth: >=0805:1.2mm
<0805:0.8mm
duration of 10 sec.
Solderability
More than 95% of the terminal electrode should
be covered with solder。
Preheat: 150℃,60sec.。
Solder: Sn96.5% Ag3% Cu0.5%
Temperature: 245±5℃。
Flux for lead free: Rosin. 9.5%。
Dip time: 4±1sec。
Depth: completely cover the termination
Resistance
to Soldering
Heat
Appearance:No damage.
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:within ±15% of initial value and shall not
exceed the specification value
Number of heat cycles: 1
Terminal
Strength
Preconditioning:
Run
through
IR
reflow
for
2
times.( IPC/JEDEC J-STD-020DClassification
Reflow Profiles
With the component mounted on a PCB with the device to
be tested, apply a force
(>0805:1kg , <=0805:0.5kg)to the side of a device being
tested. This force shall be
applied for 60 +1 seconds. Also the force shall be applied
gradually as not to apply a
shock to the component being tested.
Temperature
(°C)
Time(s)
Temperature
ramp/immersion
and emersion rate
260 ±5(solder
temp)
10 ±1
25mm/s ±6 mm/s
Type
Peak
value
(g’s)
Normal
duration (D)
(ms)
Wave
form
Velocity
change
(Vi)ft/sec
SMD
50
11
Half-sine
11.3
Lead
50
11
Half-sine
11.3
Rev 2.0 :
www.leiditech.com
12.01.2019
4/9
LM0605H-Series(G)-D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com