Electronic Components Datasheet Search
  English  ▼

X  

LM1608C Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM1608C
Description  Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM1608C Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM1608C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1608C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1608C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1608C Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1608C Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM1608C Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev 2.0 :
www.leiditech.com
2/6
01.08.2021
6 Configuration and Dimensions:
7 Electrical Characteristics:
Inductance
Test Freq.
RDC
Isat
Irms
SRF
Marking
(uH)
(Ω)Max.
(A)
(A)
(MHz)Typ.
1
100 kHz,0.1 V
0.05
2.9
2.9
130
BA
1.5
100 kHz,0.1 V
0.05
2.6
2.8
115
BF
2.2
100 kHz,0.1 V
0.07
2.3
2.4
90
CC
3.3
100 kHz,0.1 V
0.08
2
2
70
DD
4.7
100 kHz,0.1 V
0.09
1.5
1.5
50
EH
5.6
100 kHz,0.1 V
0.11
1.3
47
FG
6.8
100 kHz,0.1 V
0.13
1.2
1.4
45
GI
10
100 kHz,0.1 V
0.16
1.1
1.1
35
KA
15
100 kHz,0.1 V
0.23
0.9
1.2
30
MA
22
100 kHz,0.1 V
0.37
0.7
0.8
20
LA
33
100 kHz,0.1 V
0.51
0.58
0.6
15
NA
47
100 kHz,0.1 V
0.64
0.5
0.5
14
OA
68
100 kHz,0.1 V
0.86
0.4
0.4
11
VA
100
100 kHz,0.1 V
1.27
0.31
0.3
9
KB
150
100 kHz,0.1 V
2
0.27
0.25
6
MB
220
100 kHz,0.1 V
3.11
0.22
0.2
5.5
LB
330
100 kHz,0.1 V
3.8
0.18
0.16
5
NB
470
100 kHz,0.1 V
5.66
0.16
0.15
4
OB
680
100 kHz,0.1 V
9.2
0.14
0.12
3
VB
LM1608C-1R0M-N
LM1608C-1R5M-N
LM1608C-2R2M-N
LM1608C-3R3M-N
LM1608C-4R7M-N
LM1608C-5R6M-N
LM1608C-6R8M-N
LM1608C-100M-N
LM1608C-150M-N
LM1608C-220M-N
LM1608C-330M-N
LM1608C-470M-N
LM1608C-680M-N
LM1608C-101M-N
LM1608C-151M-N
LM1608C-221M-N
LM1608C-331M-N
LM1608C-471M-N
LM1608C-681M-N
LM1608C-102M-N
1000
100 kHz,0.1 V
13.8
0.1
0.07
2
KC
NOTE: □-tolerance M=±20%
1.Operating temperature range
-40℃ ~ 125℃(Including self - temperature rise)
2.Isat for Inductance drop 20% from its value without current.
3.Irms for a 30
℃ temperature rise from 25℃ ambient.
"-N" FOR COMPLETELY LEAD FREE TYPE(INCLUDING FERRITE BODY & SOLDER)
Part No.
LM1608C Series
1608



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com