Electronic Components Datasheet Search
  English  ▼

X  

AM29DL164DB70PCI Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29DL164DB70PCI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL164DB70PCI Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29DL164DB70PCI Datasheet HTML 11Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 12Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 13Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 14Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 15Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 16Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 17Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 18Page - Advanced Micro Devices AM29DL164DB70PCI Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
May 26, 2004
Am29DL16xD
15
Table 3.
Sector Addresses for Top Boot Sector Devices
Note: The address range is A19:A-1 in byte mode (BYTE#=V
IL) or A19:A0 in word mode (BYTE#=VIH). The bank address bits are A19–A15 for
Am29DL161DT, A19–A17 for Am29DL162DT, A19 and A18 for Am29DL163DT
, and A19 for Am29DL164DT.
Table 4.
SecSi
™ Sector Addresses for Top Boot Devices
Sector
Sector Address
A19–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
00000xxx
64/32
000000h-00FFFFh
00000h–07FFFh
SA1
00001xxx
64/32
010000h-01FFFFh
08000h–0FFFFh
SA2
00010xxx
64/32
020000h-02FFFFh
10000h–17FFFh
SA3
00011xxx
64/32
030000h-03FFFFh
18000h–1FFFFh
SA4
00100xxx
64/32
040000h-04FFFFh
20000h–27FFFh
SA5
00101xxx
64/32
050000h-05FFFFh
28000h–2FFFFh
SA6
00110xxx
64/32
060000h-06FFFFh
30000h–37FFFh
SA7
00111xxx
64/32
070000h-07FFFFh
38000h–3FFFFh
SA8
01000xxx
64/32
080000h-08FFFFh
40000h–47FFFh
SA9
01001xxx
64/32
090000h-09FFFFh
48000h–4FFFFh
SA10
01010xxx
64/32
0A0000h-0AFFFFh
50000h–57FFFh
SA11
01011xxx
64/32
0B0000h-0BFFFFh
58000h–5FFFFh
SA12
01100xxx
64/32
0C0000h-0CFFFFh
60000h–67FFFh
SA13
01101xxx
64/32
0D0000h-0DFFFFh
68000h–6FFFFh
SA14
01110xxx
64/32
0E0000h-0EFFFFh
70000h–77FFFh
SA15
01111xxx
64/32
0F0000h-0FFFFFh
78000h–7FFFFh
SA16
10000xxx
64/32
100000h-10FFFFh
80000h–87FFFh
SA17
10001xxx
64/32
110000h-11FFFFh
88000h–8FFFFh
SA18
10010xxx
64/32
120000h-12FFFFh
90000h–97FFFh
SA19
10011xxx
64/32
130000h-13FFFFh
98000h–9FFFFh
SA20
10100xxx
64/32
140000h-14FFFFh
A0000h–A7FFFh
SA21
10101xxx
64/32
150000h-15FFFFh
A8000h–AFFFFh
SA22
10110xxx
64/32
160000h-16FFFFh
B0000h–B7FFFh
SA23
10111xxx
64/32
170000h-17FFFFh
B8000h–BFFFFh
SA24
11000xxx
64/32
180000h-18FFFFh
C0000h–C7FFFh
SA25
11001xxx
64/32
190000h-19FFFFh
C8000h–CFFFFh
SA26
11010xxx
64/32
1A0000h-1AFFFFh
D0000h–D7FFFh
SA27
11011xxx
64/32
1B0000h-1BFFFFh
D8000h–DFFFFh
SA28
11100xxx
64/32
1C0000h-1CFFFFh
E0000h–E7FFFh
SA29
11101xxx
64/32
1D0000h-1DFFFFh
E8000h–EFFFFh
SA30
11110xxx
64/32
1E0000h-1EFFFFh
F0000h–F7FFFh
SA31
11111000
8/4
1F0000h-1F1FFFh
F8000h–F8FFFh
SA32
11111001
8/4
1F2000h-1F3FFFh
F9000h–F9FFFh
SA33
11111010
8/4
1F4000h-1F5FFFh
FA000h–FAFFFh
SA34
11111011
8/4
1F6000h-1F7FFFh
FB000h–FBFFFh
SA35
11111100
8/4
1F8000h-1F9FFFh
FC000h–FCFFFh
SA36
11111101
8/4
1FA000h-1FBFFFh
FD000h–FDFFFh
SA37
11111110
8/4
1FC000h-1FDFFFh
FE000h–FEFFFh
SA38
11111111
8/4
1FE000h-1FFFFFh
FF000h–FFFFFh
Device
Sector Address
A19–A12
Sector
Size
(x8)
Address Range
(x16)
Address Range
Am29DL16xDT
11111xxx
64/32
1F0000h-1FFFFFh
F8000h–FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com