Electronic Components Datasheet Search
  English  ▼

X  

Z8F081ASH020EC Datasheet(PDF) 78 Page - Zilog, Inc.

Part # Z8F081ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F081ASH020EC Datasheet(HTML) 78 Page - Zilog, Inc.

Back Button Z8F081ASH020EC Datasheet HTML 74Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 75Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 76Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 77Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 78Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 79Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 80Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 81Page - Zilog, Inc. Z8F081ASH020EC Datasheet HTML 82Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
60
it is appropriate to have the Timer Output make a state change at a One-Shot time-out
(rather than a single cycle pulse), first set the TPOL bit in the Timer Control Register to
the start value before enabling ONE-SHOT mode. After starting the timer, set TPOL to the
opposite bit value.
The steps for configuring a timer for ONE-SHOT mode and initiating the count are as fol-
lows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for ONE-SHOT mode.
–
Set the prescale value.
–
Set the initial output level (High or Low) if using the Timer Output alternate
function.
2. Write to the Timer High and Low Byte registers to set the starting count value.
3. Write to the Timer Reload High and Low Byte registers to set the Reload value.
4. If appropriate, enable the timer interrupt and set the timer interrupt priority by writing
to the relevant interrupt registers.
5. If using the Timer Output function, configure the associated GPIO port pin for the
Timer Output alternate function.
6. Write to the Timer Control register to enable the timer and initiate counting.
In ONE-SHOT mode, the system clock always provides the timer input. The timer period
is given by the following equation:
CONTINUOUS Mode
In CONTINUOUS mode, the timer counts up to the 16-bit Reload value stored in the
Timer Reload High and Low Byte registers. The timer input is the system clock. Upon
reaching the Reload value, the timer generates an interrupt, the count value in the Timer
High and Low Byte registers is reset to 0001H and counting resumes. Also, if the Timer
Output alternate function is enabled, the Timer Output pin changes state (from Low to
High or from High to Low) at timer Reload.
The steps for configuring a timer for CONTINUOUS mode and initiating the count are as
follows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for CONTINUOUS mode.
–
Set the prescale value.
One-Shot Mode Time-Out Period (s)
Reload Value
Start Value
–
() Prescale
×
System Clock Frequency (Hz)
-------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com