Electronic Components Datasheet Search
  English  ▼

X  

LM2301B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2301B
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2301B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2301B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2301B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static
Drain-
source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-19.5
V
Gate-
source threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.5
-0.9
Gate-
source leakage
IGSS
VDS =0V, VGS =
±8V
±100
nA
Zero
gate voltage drain current
IDSS
VDS =-20V, VGS =0V
-1
µA
Drain-
source on-state resistance
RDS(on)
VGS =-4.5V, ID =-1.5A
0.085
0.100
Ω
VGS =-2.5V, ID =-1.5A
0.105
0.130
Forward
transconductance
a
gfs
VDS =-5V, ID =-2.8A
4.0
S
Dynamic
b
Input
capacitance
Ciss
VDS =-10V,VGS =0V,f =1MHz
405
pF
Output
capacitance
Coss
75
Reverse
transfer capacitance
Crss
55
Total
gate charge
Qg
VDS =-10V,VGS =-4.5V,ID =-3A
5.5
10
nC
VDS =-10V,VGS =-2.5V,ID =-3A
3.3
6
Gate-
source charge
Qgs
0.7
Gate-
drain charge
Qgd
1.3
Gate
resistance
Rg
f =1MHz
6.0
Ω
Turn-
on delay time
td(on)
VDD=-10V,
RL=10Ω, ID =-1A,
VGEN=-4.5V,Rg=1Ω
11
20
ns
Rise
time
tr
35
60
Turn-
off delay time
td(off)
30
50
Fall
time
tf
10
20
Drain-source body diode characteristics
Continuous
source-drain diode current
IS
TC=25
℃
-1.3
A
Pulse
diode forward current
ISM
-10
Body
diode voltage
VSD
IS=-0.7A
-0.8
-1.2
V
Notes :
a.Pulse Test : Pulse Width < 300µs, Duty Cycle ≤2%.
b.Guaranteed by design, not subject to production testing.
a
a
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
IV. Temperature Vs
RDS(ON) / VGS(th)
Rev :
www.leiditech.com
01.06.2018
2/3
LM2301B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com