Electronic Components Datasheet Search
  English  ▼

X  

LM3404B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3404B
Description  30V N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3404B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3404B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404B Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3404B Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM3404B
30V N-Channel Enhancement Mode MOSFET
Description
General Features
Application
●
●
●
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
3404B
LM3404B
SOT-23
Ø180mm
8 mm
3000 units
Dimensions SOT-23
Pin Configuration
Rev : 01.0
7.2021
1/
www.leiditech.com
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
5
The LM3404B uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
VDS = 30V ID =4.2A
RDS(ON) < 38mΩ @ VGS=10V
Lithium battery protection
Wireless impact
Mobile phone fast charging
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID@TA=25℃
Continuous Drain Current
4.2
A
ID@TA=70℃
Continuous Drain Current
2.6
A
IDM
Pulsed Drain Current
16
A
PD
Power Dissipation TA = 25℃
1
W
RθJA
Thermal Resistance, Junction to Ambient
125
℃
/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃


Similar Part No. - LM3404B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
547Kb / 24P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404 Datasheet
663Kb / 10P
Evaluation Board
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404 Datasheet
417Kb / 6P
Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
LM3404 NSC-LM3404 Datasheet
691Kb / 18P
LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
More results

Similar Description - LM3404B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com