Electronic Components Datasheet Search
  English  ▼

X  

13793 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 13793
Description  Pushbutton valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

13793 Datasheet(HTML) 1 Page - Festo Corporation.

  13793 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pushbutton valve
K/O-3-PK-3
Part number: 13793
Data sheet
Feature
Value
Valve function
3/2, open/closed, monostable
Standard nominal flow rate
80 l/min
Pneumatic working port
PK-3
Operating pressure
0 bar ... 8 bar
Structural design
Piston seat
Nominal width
2.5 mm
Type code
K/O
Type of control
Direct
Symbol
00991838
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Ambient temperature
-10 °C ... 60 °C
Actuation force in initial position closed
24 N
Actuation force in initial position open
17 N
Product weight
20 g
Type of mounting
With through-hole
Pneumatic connection 1
PK-3
Pneumatic connection 2
PK-3
Pneumatic connection 3
PK-3
Seals material
NBR
Housing material
Polymer
11/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 13793

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1379348 FESTO-1379348 Datasheet
84Kb / 1P
Vacuum suction cup
6/9/22
More results

Similar Description - 13793

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-PTC-B32-G14 FESTO-VHEF-PTC-B32-G14 Datasheet
83Kb / 2P
Pushbutton valve
VHEF-PTC-M32-M-G14 FESTO-VHEF-PTC-M32-M-G14 Datasheet
83Kb / 2P
Pushbutton valve
VHEF-PTCZ-B32-G14 FESTO-VHEF-PTCZ-B32-G14 Datasheet
85Kb / 2P
Pushbutton valve
VHEF-PTCZ-B32-G18 FESTO-VHEF-PTCZ-B32-G18 Datasheet
85Kb / 2P
Pushbutton valve
VHEF-PTCZ-M32-M-G14 FESTO-VHEF-PTCZ-M32-M-G14 Datasheet
85Kb / 2P
Pushbutton valve
VHEF-PTCZ-M32-M-G18 FESTO-VHEF-PTCZ-M32-M-G18 Datasheet
85Kb / 2P
Pushbutton valve
F-3-M5 FESTO-F-3-M5 Datasheet
91Kb / 1P
Pushbutton valve
VHEF-P-M52-M-N14 FESTO-VHEF-P-M52-M-N14 Datasheet
83Kb / 2P
Pushbutton valve
VHEF-PTC-M32-M-N18 FESTO-VHEF-PTC-M32-M-N18 Datasheet
83Kb / 2P
Pushbutton valve
VHEF-PTCZ-M32-M-N14 FESTO-VHEF-PTCZ-M32-M-N14 Datasheet
84Kb / 2P
Pushbutton valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com