Electronic Components Datasheet Search
  English  ▼

X  

13794 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 13794
Description  Finger lever valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

13794 Datasheet(HTML) 1 Page - Festo Corporation.

  13794 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Finger lever valve
TH/O-3-PK-3
Part number: 13794
Data sheet
Feature
Value
Valve function
3/2, open/closed, monostable
Standard nominal flow rate
80 l/min
Pneumatic working port
PK-3
Operating pressure
0 bar ... 8 bar
Structural design
Piston seat
Nominal width
2.5 mm
Type code
TH/O
Type of control
Direct
Symbol
00991837
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Ambient temperature
-10 °C ... 60 °C
Actuation force in initial position closed
8 N
Actuation force in initial position open
6 N
Product weight
18 g
Type of mounting
With through-hole
Pneumatic connection 1
PK-3
Pneumatic connection 2
PK-3
Pneumatic connection 3
PK-3
Seals material
NBR
Housing material
Polymer
11/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 13794

ManufacturerPart #DatasheetDescription
logo
Azumo, Inc.
13794-06 AZUMO-13794-06 Datasheet
392Kb / 1P
2.7” Reflective LCD 2.0TM
10/02/2023
logo
raaco Great Britain Ltd
137942 RAACO-137942 Datasheet
8Mb / 148P
raaco Assortment Boxes
logo
Festo Corporation.
1379454 FESTO-1379454 Datasheet
84Kb / 1P
Vacuum suction cup
6/9/22
More results

Similar Description - 13794

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-L-M52-E-G18 FESTO-VHEF-L-M52-E-G18 Datasheet
90Kb / 2P
Finger lever valve
VHEF-L-M52-M-G14 FESTO-VHEF-L-M52-M-G14 Datasheet
89Kb / 2P
Finger lever valve
VHEF-L-M52-M-G18 FESTO-VHEF-L-M52-M-G18 Datasheet
91Kb / 2P
Finger lever valve
VHEF-LT-M32-M-G14 FESTO-VHEF-LT-M32-M-G14 Datasheet
91Kb / 2P
Finger lever valve
VHEF-LT-M32-M-G18 FESTO-VHEF-LT-M32-M-G18 Datasheet
91Kb / 2P
Finger lever valve
TH-3-M5 FESTO-TH-3-M5 Datasheet
90Kb / 1P
Finger lever valve
VHEF-L-M52-E-N14 FESTO-VHEF-L-M52-E-N14 Datasheet
88Kb / 2P
Finger lever valve
VHEF-L-M52-M-N14 FESTO-VHEF-L-M52-M-N14 Datasheet
88Kb / 2P
Finger lever valve
VHEF-L-M52-M-N18 FESTO-VHEF-L-M52-M-N18 Datasheet
91Kb / 2P
Finger lever valve
7334 FESTO-7334 Datasheet
79Kb / 1P
Finger lever valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com