Electronic Components Datasheet Search
  English  ▼

X  

2247682 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2247682
Description  Power supply unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2247682 Datasheet(HTML) 1 Page - Festo Corporation.

  2247682 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power supply unit
CACN-3A-1-10
Part number: 2247682
Data sheet
Feature
Value
Width
60 mm
Height
130 mm
Length
152.5 mm
Type code
CACN
Mounting position
Free convection
Primary supply
1-phase
Input current
1.5 - 3.0 A
Nominal output voltage DC
24 V
Nominal output current
10 A
Input voltage range AC
100 V ... 240 V
Power failure buffering
24 ms
Mains frequency
45 Hz ... 65 Hz
Certification
C-Tick
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
LABS conformity
VDMA24364 zone III
Storage temperature
-40 °C ... 85 °C
Relative air humidity
95 %
Degree of protection
IP20
Ambient temperature
-25 °C ... 70 °C
Product weight
1554 g
Type of mounting
With H-rail
Note on materials
RoHS-compliant
11/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 2247682

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247683 FESTO-2247683 Datasheet
84Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
More results

Similar Description - 2247682

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR5T ALLEN-BRADLEY-MSR5T_1 Datasheet
45Kb / 2P
Power Supply Unit
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
8149585 FESTO-8149585 Datasheet
88Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103126 PHOENIX-103126 Datasheet
352Kb / 17P
Power supply unit
2015-08-28
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com