Electronic Components Datasheet Search
  English  ▼

X  

7334 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 7334
Description  Finger lever valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

7334 Datasheet(HTML) 1 Page - Festo Corporation.

  7334 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Finger lever valve
H-4/3-M5
Part number: 7334
Data sheet
Feature
Value
Valve function
4/3, exhausted
Actuation type
Manual
Standard nominal flow rate
125 l/min
Pneumatic working port
M5
Operating pressure
0 bar ... 8 bar
Reset method
Mechanical spring
Nominal width
4 mm
Type code
H
Sealing principle
Soft
Type of control
Pilot-controlled
Flow direction
Non-reversible
Symbol
00991329
Pneumatic connection 1
M5
Pneumatic connection 2
M5
Pneumatic connection 3
Not ducted
11/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 7334

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7334 3M-7334 Datasheet
46Kb / 2P
3MTM Low-Profile Fastener Systems
Aug-2011
logo
V-COIL THREAD SYSTEM
7334 V-COIL-7334 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
FCI connector
7334L2620F01LF FCI-CONNECTOR-7334L2620F01LF Datasheet
205Kb / 2P
L26 TYPE FOI
7334L2622F01LF FCI-CONNECTOR-7334L2622F01LF Datasheet
224Kb / 2P
L26 TYPE F01
7334L2622F01LF FCI-CONNECTOR-7334L2622F01LF Datasheet
205Kb / 2P
L26 TYPE FOI
More results

Similar Description - 7334

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-L-M52-E-G18 FESTO-VHEF-L-M52-E-G18 Datasheet
90Kb / 2P
Finger lever valve
VHEF-L-M52-M-G14 FESTO-VHEF-L-M52-M-G14 Datasheet
89Kb / 2P
Finger lever valve
VHEF-L-M52-M-G18 FESTO-VHEF-L-M52-M-G18 Datasheet
91Kb / 2P
Finger lever valve
VHEF-LT-M32-M-G14 FESTO-VHEF-LT-M32-M-G14 Datasheet
91Kb / 2P
Finger lever valve
VHEF-LT-M32-M-G18 FESTO-VHEF-LT-M32-M-G18 Datasheet
91Kb / 2P
Finger lever valve
TH-3-M5 FESTO-TH-3-M5 Datasheet
90Kb / 1P
Finger lever valve
VHEF-L-M52-E-N14 FESTO-VHEF-L-M52-E-N14 Datasheet
88Kb / 2P
Finger lever valve
VHEF-L-M52-M-N14 FESTO-VHEF-L-M52-M-N14 Datasheet
88Kb / 2P
Finger lever valve
VHEF-L-M52-M-N18 FESTO-VHEF-L-M52-M-N18 Datasheet
91Kb / 2P
Finger lever valve
13794 FESTO-13794 Datasheet
82Kb / 1P
Finger lever valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com