Electronic Components Datasheet Search
  English  ▼

X  

DS26504L Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS26504L
Description  T1/E1/J1/64KCC BITS Element
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26504L Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS26504L Datasheet HTML 17Page - Maxim Integrated Products DS26504L Datasheet HTML 18Page - Maxim Integrated Products DS26504L Datasheet HTML 19Page - Maxim Integrated Products DS26504L Datasheet HTML 20Page - Maxim Integrated Products DS26504L Datasheet HTML 21Page - Maxim Integrated Products DS26504L Datasheet HTML 22Page - Maxim Integrated Products DS26504L Datasheet HTML 23Page - Maxim Integrated Products DS26504L Datasheet HTML 24Page - Maxim Integrated Products DS26504L Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
DS26504 T1/E1/J1/64KCC BITS Element
21 of 129
4.6 Line Interface
NAME
TYPE
FUNCTION
MCLK
I
Master Clock Input. A (50ppm) clock source. This clock is used internally for
both clock/data recovery and the jitter attenuator for both T1 and E1 modes. A
quartz crystal can be applied across MCLK and XTALD rather than the clock
source. The clock rate can be 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz. When using the DS26504 in T1-only operation, a 1.544MHz
(50ppm) clock source can be used.
RTIP
I
Receive Tip. Analog input for clock recovery circuitry. This pin connects via a
1:1 transformer to the network. See the Line Interface Unit section for details.
RRING
I
Receive Ring. Analog input for clock recovery circuitry. This pin connects via
a 1:1 transformer to the network. See the Line Interface Unit section for details.
TTIP
O
Transmit Tip. Analog line-driver output. This pin connects via a 1:2 step-up
transformer to the network. See the Line Interface Unit section for details.
TRING
O
Transmit Ring. Analog line-driver output. This pin connects via a 1:2 step-up
transformer to the network. See the Line Interface Unit section for details.
THZE
I
Transmit High-Impedance Enable. When high, TTIP and TRING will be
placed into a high-impedance state.
4.7 Power
NAME
TYPE
FUNCTION
DVDD
—
Digital Positive Supply. 3.3V ±5%. Should be tied to the RVDD and TVDD
pins.
RVDD
—
Receive Analog Positive Supply. 3.3V ±5%. Should be tied to the DVDD and
TVDD pins.
TVDD
—
Transmit Analog Positive Supply. 3.3V ±5%. Should be tied to the DVDD
and RVDD pins.
DVSS
—
Digital Signal Ground. 0.0V. Should be tied to the RVSS and TVSS pins.
RVSS
—
Receive Analog Signal Ground. 0.0V. Should be tied to the DVSS and TVSS
pins.
TVSS
—
Transmit Analog Signal Ground. 0.0V. Should be tied to the DVSS and
RVSS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com