Electronic Components Datasheet Search
  English  ▼

X  

ZHX1000 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # ZHX1000
Description  SIR Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX1000 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button ZHX1000 Datasheet HTML 9Page - Zilog, Inc. ZHX1000 Datasheet HTML 10Page - Zilog, Inc. ZHX1000 Datasheet HTML 11Page - Zilog, Inc. ZHX1000 Datasheet HTML 12Page - Zilog, Inc. ZHX1000 Datasheet HTML 13Page - Zilog, Inc. ZHX1000 Datasheet HTML 14Page - Zilog, Inc. ZHX1000 Datasheet HTML 15Page - Zilog, Inc. ZHX1000 Datasheet HTML 16Page - Zilog, Inc. ZHX1000 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ZHX1000
SIR Transceiver
PS015004-0702
D o
no t
use
in
ne w
designs
9
ZHX1000 Soldering and Cleaning Recommendations
Follow these recommendations to maintain the performance of the ZHX1000
transceiver.
Reflow Soldering
• Reflow soldering paste is recommended:
Melting temperature: 178 °C ~ 192 °C
Composition: Sn 63%, Pb 37%
• The recommended thickness of the metal mask is between 0.2 mm and 0.25
mm for screen printing.
• Number of soldering times: 2 times maximum
• The temperature profile at the top surface of the ZHX1000 SIR transceiver,
shown in Figure 5, is recommended.
Figure 5. Temperature Profile at the Top Surface
Manual Soldering
• Use 63/37 or silver solder.
• Use a soldering iron of 25 W or smaller. Adjust the temperature of the
soldering iron below 300 °C.
• Finish soldering within 3 seconds.
• Handle only after the ZHX1000 SIR transceiver has cooled off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com