Electronic Components Datasheet Search
  English  ▼

X  

ZBA2 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBA2
Description  black cap unmarked for circular flush pushbutton 占쏙옙22
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBA2 Datasheet(HTML) 1 Page - Schneider Electric

  ZBA2 Datasheet HTML 1Page - Schneider Electric ZBA2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
black cap unmarked for circular flush
pushbutton Ø22
ZBA2
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 2.00 USD
Main
Accessory / separate part
category
Marking accessory
Accessory / separate part type
Blank push-button cap
Accessory / separate part
destination
Push-button head
Cap/Operator or lens colour
Black
Shape of signaling unit head
Round
Quantity per Set
Set of 1
Sale per indivisible quantity
10
Product Weight
0.00 lb(US) (0.001 kg)
Complementary
Range Compatibility
Harmony XB4
Harmony XAL
Harmony XB5
Operator profile
Flush
Main group
Selector switch
Push-button
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
3389110090611
Nbr. of units in pkg.
1
Package weight(Lbs)
0.03 oz (0.9 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.34 in (3.4 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 1, 2021
1


Similar Part No. - ZBA2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBA234 SCHNEIDER-ZBA234 Datasheet
90Kb / 2P
black cap marked STOP for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA245 SCHNEIDER-ZBA245 Datasheet
90Kb / 2P
black cap marked T for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA2934 SCHNEIDER-ZBA2934 Datasheet
88Kb / 2P
black cap marked for circular pushbutton 횠22
Nov 1, 2021
ZBA2935 SCHNEIDER-ZBA2935 Datasheet
88Kb / 2P
black cap marked - for circular pushbutton 횠22
Nov 1, 2021
More results

Similar Description - ZBA2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBA1 SCHNEIDER-ZBA1 Datasheet
90Kb / 2P
white cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA147 SCHNEIDER-ZBA147 Datasheet
86Kb / 2P
white cap marked SILENCE for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA234 SCHNEIDER-ZBA234 Datasheet
90Kb / 2P
black cap marked STOP for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA245 SCHNEIDER-ZBA245 Datasheet
90Kb / 2P
black cap marked T for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA3 SCHNEIDER-ZBA3 Datasheet
130Kb / 2P
green cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA343 SCHNEIDER-ZBA343 Datasheet
157Kb / 2P
white cap marked UP for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA4 SCHNEIDER-ZBA4 Datasheet
152Kb / 2P
red cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA5 SCHNEIDER-ZBA5 Datasheet
92Kb / 2P
yellow cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA6 SCHNEIDER-ZBA6 Datasheet
139Kb / 2P
blue cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA72 SCHNEIDER-ZBA72 Datasheet
84Kb / 2P
black cap unmarked for rectangular multiple-headed pushbutton 占쏙옙22
Nov 1, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com