Electronic Components Datasheet Search
  English  ▼

X  

ZBA3 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBA3
Description  green cap unmarked for circular flush pushbutton 占쏙옙22
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBA3 Datasheet(HTML) 1 Page - Schneider Electric

  ZBA3 Datasheet HTML 1Page - Schneider Electric ZBA3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
green cap unmarked for circular
flush pushbutton Ø22
ZBA3
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 2.00 USD
Main
Accessory / separate part
category
Marking accessory
Accessory / separate part type
Blank push-button cap
Accessory / separate part
destination
Push-button head
Cap/Operator or lens colour
Green
Shape of signaling unit head
Round
Quantity per Set
Set of 1
Sale per indivisible quantity
10
Product Weight
0.00 lb(US) (0.001 kg)
Complementary
Range Compatibility
Harmony XAL
Harmony XB4
Harmony XB5
Operator profile
Flush
Main group
Push-button
Selector switch
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
3389110090642
Nbr. of units in pkg.
10
Package weight(Lbs)
0.12 lb(US) (0.05 kg)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.47 in (1.2 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 1, 2021
1


Similar Part No. - ZBA3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBA331 SCHNEIDER-ZBA331 Datasheet
130Kb / 2P
green cap marked I for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA333 SCHNEIDER-ZBA333 Datasheet
130Kb / 2P
green cap marked START for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA334 SCHNEIDER-ZBA334 Datasheet
91Kb / 2P
white cap marked arrow for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA335 SCHNEIDER-ZBA335 Datasheet
149Kb / 2P
Harmony XB4, Cap for push button 占쏙옙22 , plastic, black, marked DOWN ARROW
Nov 1, 2021
ZBA336 SCHNEIDER-ZBA336 Datasheet
127Kb / 2P
green cap marked II for circular pushbutton 占쏙옙22
Nov 1, 2021
More results

Similar Description - ZBA3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBA1 SCHNEIDER-ZBA1 Datasheet
90Kb / 2P
white cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA147 SCHNEIDER-ZBA147 Datasheet
86Kb / 2P
white cap marked SILENCE for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA2 SCHNEIDER-ZBA2 Datasheet
129Kb / 2P
black cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA331 SCHNEIDER-ZBA331 Datasheet
130Kb / 2P
green cap marked I for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA333 SCHNEIDER-ZBA333 Datasheet
130Kb / 2P
green cap marked START for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA336 SCHNEIDER-ZBA336 Datasheet
127Kb / 2P
green cap marked II for circular pushbutton 占쏙옙22
Nov 1, 2021
ZBA4 SCHNEIDER-ZBA4 Datasheet
152Kb / 2P
red cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA5 SCHNEIDER-ZBA5 Datasheet
92Kb / 2P
yellow cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA6 SCHNEIDER-ZBA6 Datasheet
139Kb / 2P
blue cap unmarked for circular flush pushbutton 占쏙옙22
Nov 1, 2021
ZBA73 SCHNEIDER-ZBA73 Datasheet
131Kb / 2P
green cap unmarked for rectangular multiple-headed pushbutton 占쏙옙22
Nov 1, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com