Electronic Components Datasheet Search
  English  ▼

X  

MAX4374 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4374
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4374 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4374 Datasheet HTML 1Page - Maxim Integrated Products MAX4374 Datasheet HTML 2Page - Maxim Integrated Products MAX4374 Datasheet HTML 3Page - Maxim Integrated Products MAX4374 Datasheet HTML 4Page - Maxim Integrated Products MAX4374 Datasheet HTML 5Page - Maxim Integrated Products MAX4374 Datasheet HTML 6Page - Maxim Integrated Products MAX4374 Datasheet HTML 7Page - Maxim Integrated Products MAX4374 Datasheet HTML 8Page - Maxim Integrated Products MAX4374 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MAX4373/MAX4374/MAX4375
Low-Cost, Micropower, High-Side
Current-Sense Amplifier +
Comparator + Reference ICs
Maxim Integrated | 2
www.maximintegrated.com
Absolute Maximum Ratings
Electrical Characteristics
(VCC = +2.7V to +28V, VRS+ = 0 to +28V, VSENSE = 0V, VRESET = 0V, RLOAD= 1MΩ, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, RS+, RS- to GND ...........................................-0.3V to +30V
OUT to GND ................................................-0.3V to the lesser of
(VCC + 0.3V) or +15V
CIN1, CIN2, RESET to GND ........................-0.3V to the lesser of
(VCC + 0.3V) or +12V
Differential Input Voltage (VRS+ - VRS-) ..............................±0.3V
COUT1, COUT2 to GND........................................-0.3V to +6.0V
Current into Any Pin..........................................................±10mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
14-Pin SO (derate 8.3mW/°C above +70°C)................667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
mV
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
-25
2.0
Input Bias Current
IRS+
0
2.5
µA
Leakage Current
IRS+, IRS-
±0.015
±0.5
µA
Supply Current
ICC
50
100
µA
IRS-
04
-50
4
Full-Scale Sense Voltage
(Note 4)
VSENSE
150
170
mV
100
120
Common-Mode Input Range
(Note 3)
Operating Voltage Range
(Note 2)
VCC
2.7
28
V
VCMR
028
V
Common-Mode Rejection
CMR
85
dB
OUT Voltage High
VCC -
VOH
0.25
V
CONDITIONS
VRS+ ≤ 2V
VRS+ > 2V
VCC = 0V, VRS+ = 28V
VRS+ > 2V, VSENSE = 5mV
VRS+ > 2V
VRS+ ≤ 2V
VCC = 2.7V, IOUT = -500µA, VRS+ = 12V
Gain = +20V/V, +50V/V, VRS+ = 12V
Gain = +100V/V, VRS+ = 12V
VRS+ > 2V
Input Offset Voltage
VOS
0.1
1
VCC = VRS+ = 12V
(Note 11)
TA = +25°C
TA = TMIN to TMAX
2
8.5
65
IOUT = 100µA
IOUT = 10µA
OUT Voltage Low
VOUT
2.5
mV
VCC = 2.7V,
VRS+ = 12V
±0.30
±2
TA = +25°C
VSENSE =
100mV
(Note 6)
±3
VCC = 12V,
VRS+ = 12V
TA = TMIN to TMAX
±0.35
±2
VCC = 28V,
VRS+ = 28V
TA = +25°C
±3
TA = TMIN to TMAX
±5.0
VCC = 12V, VRS+ = 0.1V
VSENSE = 6.25mV, VCC = 12V,
VRS+ = 12V (Note 7)
Total OUT Voltage Error
(Note 5)
VOUT
±5.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com