Electronic Components Datasheet Search
  English  ▼

X  

LM6602 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM6602
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM6602 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM6602 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM6602 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
The LM6602 uses advanced trench technology to provide
excellent RDS(ON), low gate charge. This device is suitable for
use as a Battery protection or in other Switching application.
General Features
● N-Channel
●
VDS = 30V,ID = 3.5A
RDS(ON) <58mΩ @ VGS=10V
RDS(ON) < 95mΩ @ VGS=4.5V
● P-Channel
VDS = -30V,ID = -2.7A
RDS(ON) < 100mΩ @ VGS=-10V
RDS(ON) < 150mΩ @ VGS=-4.5V
●
Low On-Resistance
●
Low Input Capacitance
●
Fast Switching Speed
●
Low Input/Output Leakage
Schematic diagram
Pin Assignment
SOT23-6L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
6602N
LM6602
SOT23-6L
Ø180mm
8mm
3000units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25℃
3.5
-2.7
Continuous Drain Current
TA=70℃
ID
3
-2.1
A
Pulsed Drain Current
(Note 1)
IDM
20
-15
A
Maximum Power Dissipation
TA=25℃
PD
1.2
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
N-Ch
104
/W
℃
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
P-Ch
104
/W
℃
N-channel
P-channel
LM6602
Enhancement Mode Power MOSFET
N and P-Channel
Rev :
www.leiditech.com
01.06.2018


Similar Part No. - LM6602

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM6604 LEIDITECH-LM6604 Datasheet
1Mb / 4P
NandP-Channel Enhancement Mode Power MOSFET
logo
Seoul Semiconductor
LM660Z SEOUL-LM660Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LM6602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com