Electronic Components Datasheet Search
  English  ▼

X  

LM9926B Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM9926B
Description  20VDS竊뤒?2VGS竊?A(ID) Dual N-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM9926B Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM9926B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9926B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM9926B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev : 01.06.2014
2/3
www.leiditech.com
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
100
nA
BVGSO
±12
V
VGS(th)
0.5
0.8
1
V
ID(ON)
30
A
18
23
TJ=125°C
25
30
21
26
m
Ω
27
34
m
Ω
38
52
m
Ω
gFS
24
S
VSD
0.7
1
V
IS
3.5
A
Ciss
630
pF
Coss
164
pF
Crss
137
pF
Rg
1.5
Ω
Qg
8.8
nC
Qgs
1nC
Qgd
3.7
nC
tD(on)
5.5
ns
tr
14
ns
tD(off)
29
ns
tf
10.2
ns
trr
15.2
ns
Qrr
6.3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=7.6A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
VGS=10V, ID=7.6A
Reverse Transfer Capacitance
IF=7.6A, dI/dt=100A/µs
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250uA
VDS=16V, VGS=0V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±10V
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=2.5V, ID=6A
IS=1A,VGS=0V
VDS=5V, ID=7.6A
VGS=1.8V, ID=2A
VGS=4.5V, ID=7A
Turn-On Rise Time
Turn-Off DelayTime
VGS=5V, VDS=10V, RL=1.3Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=10V, ID=7.6A
Gate Source Charge
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=0V, VDS=10V, f=1MHz
Gate Drain Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Gate-Source Breakdown Voltage
VDS=0V, IG=±250uA
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The currentand power rating is based on the t
≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 1: June 2005
LM9926B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com