Electronic Components Datasheet Search
  English  ▼

X  

8141743 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8141743
Description  Gear unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8141743 Datasheet(HTML) 1 Page - Festo Corporation.

  8141743 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gear unit
EMGA-80-P-G20-EAS-80
Part number: 8141743
Data sheet
Feature
Value
Gearbox flange size
80 mm
Motor flange size
80 mm
Torsional backlash
0.15 deg
Type code
EMGA
Gearbox type
Planetary gear
Gear ratio
20:1
Max. actuator speed
7000 1/min
Gearbox operating temperature
-25 °C ... 90 °C
LABS conformity
VDMA24364-B2-L
Degree of protection
IP54
Continuous output torque
120 Nm
Mass moment of inertia, gearbox
0.406 kgcm²
Max. output torque
240 Nm
Max. efficiency
96 %
Torsional rigidity
10.4 Nm/arcmin
Product weight
2500 g
Gearbox interface, output shaft
80G
Gearbox interface, actuator
80P
Note on materials
RoHS-compliant
11/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8141743

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8141740 FESTO-8141740 Datasheet
71Kb / 1P
Gear unit
8141741 FESTO-8141741 Datasheet
73Kb / 1P
Gear unit
8141742 FESTO-8141742 Datasheet
73Kb / 1P
Gear unit
8141744 FESTO-8141744 Datasheet
72Kb / 1P
Gear unit
8141745 FESTO-8141745 Datasheet
72Kb / 1P
Gear unit
More results

Similar Description - 8141743

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8141730 FESTO-8141730 Datasheet
72Kb / 1P
Gear unit
8141731 FESTO-8141731 Datasheet
72Kb / 1P
Gear unit
8141733 FESTO-8141733 Datasheet
69Kb / 1P
Gear unit
8141734 FESTO-8141734 Datasheet
69Kb / 1P
Gear unit
8141735 FESTO-8141735 Datasheet
73Kb / 1P
Gear unit
8141750 FESTO-8141750 Datasheet
72Kb / 1P
Gear unit
8141754 FESTO-8141754 Datasheet
74Kb / 1P
Gear unit
8141765 FESTO-8141765 Datasheet
74Kb / 1P
Gear unit
8141766 FESTO-8141766 Datasheet
73Kb / 1P
Gear unit
8141767 FESTO-8141767 Datasheet
73Kb / 1P
Gear unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com