Electronic Components Datasheet Search
  English  ▼

X  

Z87C33 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z87C33
Description  CMOS Z8짰 MCU Consumer Controller Processor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87C33 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z87C33 Datasheet HTML 15Page - Zilog, Inc. Z87C33 Datasheet HTML 16Page - Zilog, Inc. Z87C33 Datasheet HTML 17Page - Zilog, Inc. Z87C33 Datasheet HTML 18Page - Zilog, Inc. Z87C33 Datasheet HTML 19Page - Zilog, Inc. Z87C33 Datasheet HTML 20Page - Zilog, Inc. Z87C33 Datasheet HTML 21Page - Zilog, Inc. Z87C33 Datasheet HTML 22Page - Zilog, Inc. Z87C33 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
PS015601-1003
Z87C33
CMOS Z8“ MCU Consumer Controller Processor
13
Memory, instructions LDC, LDCI, LDE, and LDEI can read Internal Program Mem-
ory.
RAM Protect.
The upper portion of the RAM’s address spaces 80h to EFh (exclud-
ing the control registers) can be protected from writing. The RAM Protect option
bit can be selected when the device is programmed. After the mask option is
selected, the user activates this feature from the internal ROM code to turn off/on
the RAM Protect by loading either a 0 or a 1 into the IMR register, bit D6. A 1 in bit
D6 enables the RAM Protect option.
Working Register File.
The Z8 standard register file (Bank 0) contains 3 I/O port
registers, 237 general-purpose registers, and 15 control and status registers.
Expanded register file Bank Fh contains 4 system-configuration registers. The
working registers are accessed directly or indirectly via an 8-bit address field. As a
result, a short 4-bit register address can use the Register Pointer (Table 5 and
Figure 9). In the 4-bit mode, the working register file is divided into 16 working reg-
ister groups, each occupying 16 continuous locations. The Register Pointer
addresses the starting location of the active working register group.
Throughout this document, Bank 0 is referred to as the Z8 Standard Register File.
Expanded Register File (ERF).
The Z8 register file is expanded to allow for addi-
tional system control registers, and for mapping of additional peripheral devices,
along with the I/O ports, into the register address area. The Z8 register address
space 0 through 255 is implemented as 16 groups of 16 registers per bank (Fig-
ures 8 and 9 ). There are 16 banks known as the Expanded Register File (ERF).
Bits 7–4 of register RP select the Working Register Group. Bits 3–0 of register RP
select the Expanded Register File Bank. Four system configuration registers
reside in the Expanded Register File at Bank Fh—PCON, SMR, SMR2, and
WDTMR. The remainder of the Expanded Register is not physically implemented,
and is open for future expansion.
Table 4. Register Pointer Register—RP FDh/R253 Bank 0h: READ/WRITE
Bit
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
000
Note: R = Read, W = Write, X = Indeterminate.
Bit
Position
Bit
Field
R/W
Reset
State
Description
D7–D4
Working Registers
R/W
0
Working Register Group
Pointer
D3–D0
ERF
R/W
0
Expanded Register File



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com