Electronic Components Datasheet Search
  English  ▼

X  

Z02205 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z02205
Description  MODEM CONTROLLER IDEAL FOR LOW POWER CONSUMPTION, SMALL SIZE REQUIREMENTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02205 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z02205 Datasheet HTML 1Page - Zilog, Inc. Z02205 Datasheet HTML 2Page - Zilog, Inc. Z02205 Datasheet HTML 3Page - Zilog, Inc. Z02205 Datasheet HTML 4Page - Zilog, Inc. Z02205 Datasheet HTML 5Page - Zilog, Inc. Z02205 Datasheet HTML 6Page - Zilog, Inc. Z02205 Datasheet HTML 7Page - Zilog, Inc. Z02205 Datasheet HTML 8Page - Zilog, Inc. Z02205 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Z02205
Modem Controller
ZiLOG
2
PS001000-MOD0599
Note: All signals with an overline, are active Low. For exam-
ple, B/W, in which WORD is active Low; and B/W, in
which BYTE is active Low.
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Functional Block Diagram
Figure 2. Z02205 Pin Diagram (SOIC/ DIP)
Z02205
Controller
Parallel
Z02201
Eye Pattern
Interface
Line
Interface
Oscilloscope
Telephone
Line
Data
Access
Arrangement
Serial
DTE
Optional
Speaker
Optional
or
Z02922
Data Pump
Optional
D5
D6
D7
DPRD
DPWR
DPRESET
MUTE
VCC
XTAL2
XTAL1
DPIRQ
RINGDET
DTR
DCD
D4
D3
D2
D1
D0
DPCS
GND
A2
A1
A0
RxD
OH
TxD
SHUNT
28
Z02205
1
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com