Electronic Components Datasheet Search
  English  ▼

X  

BIS00C5 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00C5
Description  LF (125 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00C5 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00C5 Datasheet HTML 1Page - Balluff Korea Ltd. BIS00C5 Datasheet HTML 2Page - Balluff Korea Ltd. BIS00C5 Datasheet HTML 3Page - Balluff Korea Ltd. BIS00C5 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF (125 kHz)
BIS L-400-035-001-00-S115
Order Code: BIS00C5
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 138814
ETIM 6.0: EC002998
BIS00C5_2.26_2021-07-09
2 / 4
Functional safety
MTTF (40 °C)
15080 a
Interface
Interface
RS232
Material
Housing material
PBT
Mechanical data
Application weight
170.00 g
Dimension
40 x 41 x 120 mm
Installation
metal-free (clear zone)
Remarks
Order code for female with 5m cable: BKS-S116-PU-05
For basic equipment order female with cable.
* Connection RTS (TP) enables TP display in program BISCOMRW.EXE.
Values are under rated conditions unless otherwise specified.
Order accessories separately.
Sensing face can be steplessly rotated (range 270°) and fixed with set screw
For installation in metal: Observe clear zone.
# OUT TP switches to +24V when there is a data carrier in the zone.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com