Electronic Components Datasheet Search
  English  ▼

X  

BIS00C8 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00C8
Description  LF (125 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00C8 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00C8 Datasheet HTML 1Page - Balluff Korea Ltd. BIS00C8 Datasheet HTML 2Page - Balluff Korea Ltd. BIS00C8 Datasheet HTML 3Page - Balluff Korea Ltd. BIS00C8 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF (125 kHz)
BIS L-400-035-002-02-S115
Order Code: BIS00C8
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 148036
ETIM 6.0: EC002998
BIS00C8_2.26_2021-10-02
2 / 4
Interface
Interface
RS422
Material
Housing material
Brass, Interface PBT, nickel
plated
Housing material, surface protection nickel-plated
Material jacket
PU
Mechanical data
Application weight
170.00 g
Dimension
Ø 18 x 75 mm
Installation
metal-free (clear zone)
Size
M18x1
Remarks
Order code for female with 5m cable: BKS-S116-PU-05
For basic equipment order female with cable.
Use included nuts for installation.
Values are under rated conditions unless otherwise specified.
Order accessories separately.
For installation in metal: Observe clear zone.
* Galvanic isolation is recommended for the supply voltage and RS422 interface! Data lines twisted pairs.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) Wiring note
2) Do not change position of JP!



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com