Electronic Components Datasheet Search
  English  ▼

X  

BIS00C9 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00C9
Description  LF (125 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00C9 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00C9 Datasheet HTML 1Page - Balluff Korea Ltd. BIS00C9 Datasheet HTML 2Page - Balluff Korea Ltd. BIS00C9 Datasheet HTML 3Page - Balluff Korea Ltd. BIS00C9 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LF (125 kHz)
BIS L-400-035-003-00-S115
Order Code: BIS00C9
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 148031
ETIM 6.0: EC002998
BIS00C9_2.26_2021-07-09
1 / 4
1) Sensing surface, 2) Clear zone, 3) Locking screw, 4) Module unit, 5) Mounting base, 6) Cable length, 7) no cable, 8)
Power, 9) Tag present
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
Principle of operation
Read head
Display/Operation
Overflow
Yellow LED, flashes
Power (ON)
Green LED
Tag Present (TP)
LED yellow
Electrical connection
Cable length L
0.5 m
Connection
(RS232/TP OUT): M12x1-Male,
8-pin
Connection type
Connector, 0.50 m, PU
Electrical data
Control output
1 PNP
Current consumption max. at 24 V DC 50 mA
EN 300330-1
Power Class 3
Operating voltage Ub
19.2...26.4 VDC
Residual ripple max.
included
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C


Similar Part No. - BIS00C9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00C5 BALLUFF-BIS00C5 Datasheet
202Kb / 4P
LF (125 kHz)
BIS00C6 BALLUFF-BIS00C6 Datasheet
209Kb / 4P
LF (125 kHz)
BIS00C8 BALLUFF-BIS00C8 Datasheet
217Kb / 4P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CJ BALLUFF-BIS00CJ Datasheet
217Kb / 4P
LF (125 kHz)
More results

Similar Description - BIS00C9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003C BALLUFF-BIS003C Datasheet
105Kb / 2P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com