Electronic Components Datasheet Search
  English  ▼

X  

BIS00CM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00CM
Description  LF (125 kHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00CM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00CM Datasheet HTML 1Page - Balluff Korea Ltd. BIS00CM Datasheet HTML 2Page - Balluff Korea Ltd. BIS00CM Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF (125 kHz)
BIS L-405-033-001-05-MU
Order Code: BIS00CM
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 136948
ETIM 6.0: EC002998
BIS00CM_2.26_2021-07-09
2 / 3
Interface
Interface
parallel
Material
Housing material
PBT
Mechanical data
Application weight
170.00 g
Dimension
40 x 41 x 120 mm
Installation
metal-free (clear zone)
Remarks
Part number with 5m cable: BIS L-503-PU1-05
For basic equipment order mounting base with cable also.
Only together with mounting base BIS L-503-PU1-xx
Sensing face can be steplessly rotated (range 270°) and fixed with set screw
Values are under rated conditions unless otherwise specified.
Replacement of the MU (module unit) without disassembling the mounting base with cable
For installation in metal: Observe clear zone.
Help Views



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com