Electronic Components Datasheet Search
  English  ▼

X  

BIS00CP Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00CP
Description  LF (125 kHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00CP Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00CP Datasheet HTML 1Page - Balluff Korea Ltd. BIS00CP Datasheet HTML 2Page - Balluff Korea Ltd. BIS00CP Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF (125 kHz)
BIS L-405-033-003-05-MU
Order Code: BIS00CP
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 148199
ETIM 6.0: EC002998
BIS00CP_2.24_2021-07-09
2 / 3
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67, installed
Storage temperature
-20...85 °C
Interface
Interface
parallel
Material
Housing material
Brass, Interface PBT, nickel
plated
Housing material, surface protection nickel-plated
Material jacket
PU
Mechanical data
Application weight
170.00 g
Dimension
Ø 12 x 53 mm
Installation
metal-free (clear zone)
Size
M12x1
Remarks
Part number with 5m cable: BIS L-503-PU1-05
Order accessories separately.
Replacement of the MU (module unit) without disassembling the mounting base with cable
Values are under rated conditions unless otherwise specified.
For basic equipment order mounting base with cable also.
Only together with mounting base BIS L-503-PU1-xx
Use included nuts for installation.
For installation in metal: Observe clear zone.
Help Views



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com