Electronic Components Datasheet Search
  English  ▼

X  

Z8601720ASC Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z8601720ASC
Description  PCMCIA Interface Solution
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8601720ASC Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z8601720ASC Datasheet HTML 37Page - Zilog, Inc. Z8601720ASC Datasheet HTML 38Page - Zilog, Inc. Z8601720ASC Datasheet HTML 39Page - Zilog, Inc. Z8601720ASC Datasheet HTML 40Page - Zilog, Inc. Z8601720ASC Datasheet HTML 41Page - Zilog, Inc. Z8601720ASC Datasheet HTML 42Page - Zilog, Inc. Z8601720ASC Datasheet HTML 43Page - Zilog, Inc. Z8601720ASC Datasheet HTML 44Page - Zilog, Inc. Z8601720ASC Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
Addressing Modes
PS012002-1201
27
Addressing Modes
• The ZX6017 supports all PCMCIA Addressing Modes:
• PCMCIA Common Memory Mode
• PCMCIA I/O Mode
• PCMCIA ATA_IDE Mode
• Pass-through ATA/IDE-to-ATA/IDE Mode
This mode is for users who have a 68-pin PCMCIA connector,
but are using ATA/IDE protocol instead of PCMCIA protocol.
The overall ZX6017 mode of operation is controlled by the Interface
Configuration Register (00h) bits 3,2. 00 in these two bits sets the device
to ATA/IDE mode if the PC_ATA/HOE pin is Low on power-up and into
PCMCIA mode if the pin is High. The default for this register is 00 and
the PC_ATA/HOE pin determines the mode of operation, PCMCIA or
ATA/IDE. Table 4 describes these addressing modes.
To place the ZX6017 into proper Addressing mode, a set of Configuration
Registers and Memory Maps reside on-chip.
Table 4. ZX6017 Addressing Modes
Mode/Bus
PCMCIA
Peripheral Bus
Comments
Memory
Memory
Memory
I/O
I/O
I/O
PCMCIA_ATA_Memory
Memory
ATA
PCMCIA_ATA_I/O
I/O
Primary ATA
Contiguous block of at least
16 I/O registers is assigned to
one card.
Secondary ATA
Contiguous ATA
Pass-Through Mode
ATA/IDE
ATA/IDE
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com