Electronic Components Datasheet Search
  English  ▼

X  

PD70101 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD70101
Description  PoE IEEE짰 802.3af/at PD Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 4Page - Microchip Technology PD70101 Datasheet HTML 5Page - Microchip Technology PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
2.3
Electrical Characteristics
This section describes the electrical characteristics of the PD70101/PD70201 device.
The following specifications apply over the operating ambient temperature of –40 °C ≤ TA ≤ 85 °C (except where
otherwise noted with VPP = 48 V; VEN = HIGH, FFREQ = 250 kHz). Production tests were performed at 25 °C. Unless
otherwise specified, VPP is with respect to VPN_IN and VCC is with respect to PGND.
Table 2-3. PD Interface
Symbol
Parameter
Test
Conditions/
Comment
Min
Type
Max
Units
Power Supply
VPP
Input voltage
0
55
57
V
Detection Mode
DETRANGE
Detection
voltage range
Measured
between V PP
and VPN IN
1.3
10.1
V
RDET-ON
Detection
switch ON
resistance
2.5V ≤ (∆VPP
to VPNIN) ≤
10.1 V
Measured
between R DET
and VPN IN
50
Ω
VDET-OFF
Detection is
disconnected
Measured
between VPP
and VPN IN
10.1
12.8
V
RDET-OFF
Detection
switch OFF
resistance
12.8 V ≤ (∆VPP
to VPNIN) ≤
57.0 V
Measured
between RDET
and VPNIN
2.0
IOFFSET
Input offset
current
2.5 V ≤ VPP
10.1 V
–40 °C ≤ TJ
85 °C
16
µA
IOFFSET
2.5 V ≤ VPP
10.1 V
–40 °C ≤ TJ
55 °C
10
µA
VRDET-ON
RDET
reconnection
level
Measured
between VPP
and VPNIN
1.95
3.0
4.85
V
Classification Mode
PD70101 and PD70201
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003738A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com