Electronic Components Datasheet Search
  English  ▼

X  

PD70210 Datasheet(PDF) 5 Page - Microchip Technology

Part # PD70210
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 5 Page - Microchip Technology

  PD70210 Datasheet HTML 1Page - Microchip Technology PD70210 Datasheet HTML 2Page - Microchip Technology PD70210 Datasheet HTML 3Page - Microchip Technology PD70210 Datasheet HTML 4Page - Microchip Technology PD70210 Datasheet HTML 5Page - Microchip Technology PD70210 Datasheet HTML 6Page - Microchip Technology PD70210 Datasheet HTML 7Page - Microchip Technology PD70210 Datasheet HTML 8Page - Microchip Technology PD70210 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
1.
Functional Descriptions
The following figure shows the functional blocks of the PD70210 device.
Figure 1-1. PD70210 Functional Block Diagram
RDET
2
RCLS
6
VPP
1
SUPP_S1
SUPP_S2
3
4
VPN_IN
7
8
15
PGOOD
4P_AT_FLAG
13
HD_FLAG
12
AT_FLAG
11
4P_HD_FLAG
14
VPN_OUT
9
10
Enhanced
Classification
Block
Startup/Inrush
Control
VAUX
16
10.5 V
Regulator
4.8 V
Regulator
Vdd
45 mA
1.2 V
Bandgap
Bleeder
control
Detection
Control
RREF
5
Iclass
Class
Control
+48 V
48 VRTN
Rsense
PD70210
RCLASS
RDET
RREF
80ms Delay
Timer
VPP UVLO
PD70210/PD70210A/PD70210AL
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com