Electronic Components Datasheet Search
  English  ▼

X  

Z8023016PSC Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z8023016PSC
Description  ENHANCED SERIAL COMMUNICATIONS CONTROLLER
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8023016PSC Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z8023016PSC Datasheet HTML 37Page - Zilog, Inc. Z8023016PSC Datasheet HTML 38Page - Zilog, Inc. Z8023016PSC Datasheet HTML 39Page - Zilog, Inc. Z8023016PSC Datasheet HTML 40Page - Zilog, Inc. Z8023016PSC Datasheet HTML 41Page - Zilog, Inc. Z8023016PSC Datasheet HTML 42Page - Zilog, Inc. Z8023016PSC Datasheet HTML 43Page - Zilog, Inc. Z8023016PSC Datasheet HTML 44Page - Zilog, Inc. Z8023016PSC Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
==
(QKDQFHG6HULDO &RPPXQLFDWLRQV&RQWUROOHU
36
3URJUDPPLQJ

3URJUDPPLQJ
7KH(6&& FRQWDLQV ZULWH UHJLVWHUVLQ HDFK FKDQQHO WKDW DUH SURJUDPPHGE\ WKH
V\VWHP VHSDUDWHO\ WR FRQILJXUH WKHIXQFWLRQRIHDFKFKDQQHO
,Q WKH = (6&& WKH GDWD ),)2V DUH GLUHFWO\ DFFHVVLEOH E\ VHOHFWLQJ D +LJK
RQWKH
'& SLQ :LWK H[FHSWLRQ :5 DQG 55 SURJUDPPLQJ WKHZULWH UHJLVWHUV UHTXLUHV
WZR ZULWHRSHUDWLRQVDQG UHDGLQJD UHDGUHJLVWHU UHTXLUHVD ZULWH DQGD UHDGRSHU
DWLRQ 7KHILUVW ZULWH LV WR:5 FRQWDLQVELWV WKDW SRLQW WRWKH VHOHFWHGUHJLVWHU ,I
WKH QH[WRSHUDWLRQ LV D ZULWH WKH VHOHFWHG ZULWH UHJLVWHULV ZULWWHQ ,I WKH QH[W RSHUD
WLRQ LV D UHDG WKH VHOHFWHG UHDG UHJLVWHU LV UHDG 7KH SRLQWHU ELWV DUH DXWRPDWLFDOO\
FOHDUHGDIWHU WKH VHFRQGRSHUDWLRQVRWKHQH[W UHDGRU ZULWH FRPHVIURP 55 RU
JRHV WR :5 ,W LV QRW QHFHVVDU\ WRZULWH  WR :5 WR DFFHVV :5 RU 55
)RU WKH = (6&& WKH UHJLVWHUV DUH GLUHFWO\ DGGUHVVDEOH +RZ WKH (6&&
GHFRGHVWKHDGGUHVVSODFHGRQ WKHDGGUHVVGDWD EXV DW WKHEHJLQQLQJ RI D5HDG
RU :ULWH F\FOH LV FRQWUROOHGE\ DFRPPDQG LVVXHG WR :5% ,Q 6KLIW 5LJKWPRGH
WKHFKDQQHOVHOHFW$B LV WDNHQ IURP $' DQGWKH VWDWHRI $' LVLJQRUHG,Q6KLIW
/HIW PRGH WKHFKDQQHOVHOHFW
$B LVWDNHQ IURP $' DQG WKHVWDWHRI$' LVLJQRUHG $' DQG$' DUHDOZD\V
LJQRUHG DV DGGUHVV ELWV DQG WKHUHJLVWHU DGGUHVVLWVHOI RFFXSLHV$'±$'
,QLWLDOL]LQJ
7KHVRIWZDUH ILUVW LVVXHVDVHULHVRI FRPPDQGVWR LQLWLDOL]H WKH EDVLF PRGHRI
RSHUDWLRQ 7KLV VHULHV RI FRPPDQGV LV IROORZHG E\ RWKHU FRPPDQGV WR TXDOLI\ FRQ
GLWLRQV ZLWKLQWKHVHOHFWHGPRGH )RU H[DPSOH LQ WKH$6<1&+521286 PRGH
FKDUDFWHU OHQJWK FORFNUDWH QXPEHU RI VWRSELWV DQGHYHQDQGRGG SDULW\ LVVHW
ILUVW 1H[W WKH,17(55837 PRGHLV VHW )LQDOO\WKHUHFHLYHU DQGWUDQVPLWWHU DUH
HQDEOHG
:ULWH 5HJLVWHUV
7KH(6&& FRQWDLQV  ZULWH UHJLVWHUV FRXQWLQJ WKHWUDQVPLWEXIIHU LQ HDFK
FKDQQHO 7KHVHZULWH UHJLVWHUVDUHSURJUDPPHG WRFRQILJXUHWKHIXQFWLRQRIWKH
FKDQQHO 7KHUH DUH WZR UHJLVWHUV :5 DQG :5 VKDUHGE\ WKHWZRFKDQQHOV
ZKLFKFDQEHDFFHVVHGWKURXJKHLWKHU RIWKHP :5 FRQWDLQVWKHLQWHUUXSW YHFWRU
IRU ERWK FKDQQHOV :5 FRQWDLQVWKH LQWHUUXSW FRQWURO ELWV DQGUHVHW FRPPDQGV
5HJLVWHU :5¶FDQEH ZULWWHQ WR LI :5 ELW  LV 
=; 5HJLVWHU $FFHVV
7KH UHJLVWHUV LQ WKH ] DUH DGGUHVVHG XVLQJ WKH DGGUHVV RQ $'±$' DUH
DUH ODWFKHG E\ WKH ULVLQJ HGJH RI $6 7KH 6KLIW 5LJKW6KLIW /HIW ELW LQ WKH &KDQQHO %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com