Electronic Components Datasheet Search
  English  ▼

X  

IL79 Datasheet(PDF) 4 Page - Integral Corp.

Part # IL79
Description  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL79 Datasheet(HTML) 4 Page - Integral Corp.

  IL79 Datasheet HTML 1Page - Integral Corp. IL79 Datasheet HTML 2Page - Integral Corp. IL79 Datasheet HTML 3Page - Integral Corp. IL79 Datasheet HTML 4Page - Integral Corp. IL79 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IL79XXC SERIES
4
IL7915
Electrical characteristics
(VI = -23V, Io = 500mA, 0°C <TJ<+125°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
-14.4
-15
-15.6
Vdc
Line Regulation (Note 1)
(TJ=+25
°C, Io = 100mA)
-17.5Vdc
≥ VI ≥ -30Vdc
-20Vdc
≥ VI ≥ -26Vdc
(TJ=+25
°C, Io =500mA)
-17.5Vdc
≥ VI ≥ -30Vdc
-20Vdc
≥ VI ≥ -26Vdc
Regline
-
-
-
-
14
6.0
57
27
150
75
300
150
mV
Load Regulation (TJ=+25
°C, Note 1)
5.0mA
≤ Io ≤ 1.5A
250mA
≤ Io ≤ 750 mA
Regload
-
-
68
25
300
150
mV
Output Voltage
5.0mA
≤ Io ≤ 1.0A, Po ≤15 W
-17.5Vdc
≥ VI ≥ -30Vdc
Vo
-14.25
-
-15.75
Vcd
Input Bias Current (TJ=+25°C)
IIB
-
4.4
8.0
mA
Input Bias Current Change
-17.5Vdc
≥ VI ≥ -30Vdc
5.0mA
≤ Io ≤ 1.0A
∆ IIB
-
-
-
-
1.0
0.5
mA
Output Noise Voltage (TA=+25
°C)
10 Hz
≤ f ≤ 100 kHz
eon
-
90
-
µV
Ripple Rejection (Io=20mA f=120Hz)
RR
-
60
-
dB
Dropout Voltage (Io=1.0A, TJ =+25°C)
VI-Vo
-
2.0
-
Vdc
Average Temperature Coefficient of
Output Voltage Io=5.0mA, 0
°C <TJ<+125°C
DVo/Vo
-
-1.0
-
mV/
°C
IL7912
Electrical characteristics
(VI = -19V, Io = 500mA, 0°C <TJ<+125°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
-11.5
-12
-12.5
Vdc
Line Regulation (Note 1)
(TJ=+25
°C, Io = 100mA)
-14.5Vdc
≥ VI ≥ -30Vdc
-16Vdc
≥ VI ≥ -22Vdc
(TJ=+25
°C, Io =500mA)
-14.5Vdc
≥ VI ≥ -30Vdc
-16Vdc
≥ VI ≥ -22Vdc
Regline
-
-
-
-
13
6.0
55
24
120
60
240
120
mV
Load Regulation (TJ=+25
°C, Note 1)
5.0mA
≤ Io ≤ 1.5A
250mA
≤ Io ≤ 750 mA
Regload
-
-
46
17
240
120
mV
Output Voltage
5.0mA
≤ Io ≤ 1.0A, Po ≤15 W
-14.5Vdc
≥ VI ≥ -27Vdc
Vo
-11.4
-
-12.6
Vcd
Input Bias Current (TJ=+25°C)
IIB
-
4.4
8.0
mA
Input Bias Current Change
-14.5Vdc
≥ VI ≥ -30Vdc
5.0mA
≤ Io ≤ 1.5A
∆ IIB
-
-
-
-
1.0
0.5
mA
Output Noise Voltage (TA=+25
°C)
10 Hz
≤ f ≤ 100 kHz
eon
-
75
-
µV
Ripple Rejection (Io=20mA f=120Hz)
RR
-
61
-
dB
Dropout Voltage (Io=1.0A, TJ =+25°C)
VI-Vo
-
2.0
-
Vdc
Average Temperature Coefficient of
Output Voltage Io=5.0mA, 0
°C <TJ<+125°C
DVo/Vo
-
-1.0
-
mV/
°C
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into
account separately.Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com