Electronic Components Datasheet Search
  English  ▼

X  

360 Datasheet(PDF) 1 Page - 3M Electronics

Part # 360
Description  Double Coated Tape with Quick Bonding Adhesive 360
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

360 Datasheet(HTML) 1 Page - 3M Electronics

  360 Datasheet HTML 1Page - 3M Electronics 360 Datasheet HTML 2Page - 3M Electronics 360 Datasheet HTML 3Page - 3M Electronics 360 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product
Faceside1
Adhesive
Type/
Carrier
Type/
Backside2
Adhesive
Type/
Liner
Color, Type,
Liner
Total Tape
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper3
(w/o liner)
3M™ Double
0.00075"
0.0005”
0.00075"
Natural, 60#
0.0032"
0.002"
Coated Tape
(0.019 mm)
(0.013 mm)
(0.019 mm)
Glassine
(0.08 mm)
(0.05 mm)
9628B
Black PET
3M™ Double
0.00075"
0.0005"
0.00075"
Clear,
0.002"
0.002"
Coated Tape
(0.019 mm)
(0.013 mm)
(0.019 mm)
Polyester
(0.05 mm)
(0.05 mm)
9628FL
Clear PET
3M™ Double
0.00175"
0.0005”
0.00175"
Tan, 58#
0.0042"
0.004"
Coated Tape
(0.04 mm)
(0.013 mm)
(0.04 mm)
Polycoated
(0.11 mm)
(0.10 mm)
9629PC
Clear PET
3M™ Double
0.00175"
0.0005”
0.00175"
Natural, 60#
0.0032"
0.004"
Coated Tape
(0.04 mm)
(0.013 mm)
(0.04 mm)
Glassine
(0.08 mm)
(0.10 mm)
9629B
Black PET
3M™ Double
0.00175"
0.0005”
0.00175"
Clear,
0.002"
0.004"
Coated Tape
(0.04 mm)
(0.013 mm)
(0.04 mm)
Polyester
(0.05 mm)
(0.10 mm)
9629FL
Clear PET
Double Coated Tape with
Quick Bonding Adhesive 360
9628B • 9628FL • 9629PC • 9629B • 9629FL
Technical Data
September, 2009
Product Description
3M™ Double Coated Tapes with 3M™ Quick Bonding Adhesive 360 provides high
bond strength to most surfaces, including many low surface energy plastics such
as polypropylene and powder coated paints.
Construction
Note 1: Faceside (FS) adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside (BS) adhesive is on the exterior of the roll, exposed when liner is removed.
Note 3: The caliper listed is based on a calculation from manufacturing controlled adhesive coat
weights using a density of 1.071 g/cc.


Similar Part No. - 360

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
360 INTEL-360 Datasheet
2Mb / 95P
Celeron D Processor
360 INTEL-360 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
Programmable XO
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
Adafruit Industries
360 ADAFRUIT-360 Datasheet
87Kb / 2P
MiFare Classic (13.56MHz RFID/NFC) White Tag - 1KB
7/21/2015
More results

Similar Description - 360

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
9495LE 3M-9495LE Datasheet
20Kb / 5P
High Strength Double Coated Tape with Adhesive 300LSE
Nov-2008
9448A 3M-9448A Datasheet
82Kb / 4P
Double Coated Tissue Tape
Jan-2009
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
9579 3M-9579 Datasheet
18Kb / 3P
Double Coated Tape with Adhesive 760
May-2004
9475LE 3M-9475LE Datasheet
18Kb / 4P
High Strength Double Coated Tape with Adhesive 300LSE
Nov-2008
9086 3M-9086 Datasheet
17Kb / 3P
High Performance Double Coated Tapes with Adhesive 375
Mar-2007
9628FL 3M-9628FL Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
Sep-2009
9628B 3M-9628B Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive
Sep-2009
9626 3M-9626 Datasheet
35Kb / 4P
Adhesive Transfer Tape with Quick Bonding Adhesive 360
Nov-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com