Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 1 Page - 3M Electronics

Part # 373
Description  High Performance Box Sealing Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

373 Datasheet(HTML) 1 Page - 3M Electronics

  373 Datasheet HTML 1Page - 3M Electronics 373 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch®
High Performance
Box Sealing Tape
373
Product Description
Scotch® Box Sealing Tape 373 is a high performance packaging tape used for box
sealing, splicing, recouperage and other demanding packaging applications. This
product has a heavy duty, conformable backing and the most consistent pressure
sensitive hot melt adhesive system available. This time proven construction assures
high performance in a wide range of environments and applications.
Typical Physical
Properties
Technical Data
January, 2011
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
50 oz./in. width (55 N/100 mm width)
D-3330
Tensile Strength:
Machine Direction:
30 lbs./in. width (525 N/100 mm width)
D-3759
Cross Direction:
60 lbs./in. width (1050 N/100 mm width)
D-3759
Elongation at Break:
160%
D-3759
Thickness - Backing:
1.6 mil (0.041 mm)
D-3652
Total:
2.5 mil (0.064 mm)
D-3652
Holding Power to Fiberboard:
8,000 + minutes
D-3654
Construction
Backing
Adhesive
Colors
Biaxially oriented
Pressure sensitive hot
Blue, clear, green,
polypropylene film
melt rubber-resin
orange, red, tan,
white, and yellow
3
Features
• Meets CID A-A-1684B.
• Adheres instantly to most surfaces including cartons containing high levels of
recycled content.
• Heavy duty, conformable backing with higher edge tear and split resistance.
• Meets FDA requirements for indirect food contact.
Standard Widths:
36 mm, 42 mm, 48 mm, 60 mm, 72 mm
Custom widths available upon request.
Core Size (ID):
3 in.
Lengths:
50 m, 411 m, 914 m, 1500 m
Available Sizes


Similar Part No. - 373

ManufacturerPart #DatasheetDescription
logo
Littelfuse
373 LITTELFUSE-373 Datasheet
78Kb / 2P
SUBMINIATURE FUSES
logo
Intel Corporation
373 INTEL-373 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
Fluke Corporation
373 FLUKE-373 Datasheet
97Kb / 2P
Work horse clamp with increased performance and flexibility
logo
3M Electronics
373 3M-373 Datasheet
1Mb / 7P
Mini-Clamp Socket
September 18, 2018
logo
Littelfuse
373 LITTELFUSE-373 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 373

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4411N 3M-4411N Datasheet
281Kb / 6P
Extreme Sealing Tape
Sep-2014
375 3M-375 Datasheet
14Kb / 2P
Superior Performance Box Sealing Tape
Jan-2011
3732 3M-3732 Datasheet
571Kb / 4P
3M™ Scotch® High Performance Printed Box Sealing Tape 3732
Jan-2011
371 3M-371 Datasheet
570Kb / 4P
3M™ Scotch® Industrial Box Sealing Tape 371
May-2017
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
353 3M-353 Datasheet
570Kb / 4P
3M ??Scotch짰 High Performance Box Sealing Tape 353
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
3199 3M-3199 Datasheet
564Kb / 4P
3M™ Scotch® Security Message Box Sealing Tape 3199
Jan-2011
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
311 3M-311 Datasheet
115Kb / 3P
Box Sealing Tape
2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com