| Electronic Components Datasheet Search |
|
9629PC Datasheet(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
9629PC Datasheet(HTML) 3 Page - 3M Electronics |
|
3 / 4 page ![]() 3M™ Double Coated Tape with Quick Bonding Adhesive 360 9628B • 9628FL • 9629PC • 9629B • 9629FL Features • Excellent adhesion to difficult to bond to surfaces such as HDPE, LDPE, and PP. • Super quick stick. • Higher adhesion from a thinner tape. • Excellent solvent resistance. • High temperature performance. • This tape has a film carrier which can add dimensional stability to foam and other substrates and also make it easier to handle the tape during slitting and die-cutting. Application Techniques Bond strength is dependent upon the amount of adhesive-to-surface contact developed. Firm application will assist the adhesive in developing intimate contact with the bonding surface. To accelerate the adhesion process, additional heat, up to 130°F (54°C), may be used. To obtain optimum adhesion, the bonding surfaces must be clean, dry, and well unified. Some typical surface cleaning solvents are isopropyl alcohol or heptane.* Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial tape application to surfaces at temperatures below 50°F (10°C) is not recommended because the adhesive becomes too firm to adhere readily. However, once properly applied, low temperature holding is generally satisfactory. *When using solvents, extinguish all ignition sources, including pilot lights, and follow the manufacturers precautions and directions for use. These cleaning recommendations may not be compliant with the rules of certain Air Quality Management Districts in California; consult applicable rules before use. Environmental Performance Humidity Resistance: High humidity has minimal effect on adhesive performance. No significant reduction in bond strength is observed after exposure for 7 days at 90°F (32°C) and 90% relative humidity. UV Resistance: When properly applied, nameplates and decorative trim parts are not adversely affected by exposure. Water Resistance: Immersion in water has no appreciable effect on the bond strength. After 100 hours at room temperature, the high bond strength is maintained. Temperature Cycling Resistance: High bond strength is maintained after cycling four times through: 8 hours at 194°F (90°C) 16 hours at -40°F (-40°C) 8 hours at 100.4°F (38°C/100% RH) 16 hours at -40°F (-40°C) Chemical Resistance: When properly applied, nameplate and decorative trim parts will hold securely after exposure to numerous chemicals including oil, mild acids, and alkalis. Application Ideas • Foam to powder coated painted surfaces. • Low surface energy plastic adhesion. - 3 - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |