Electronic Components Datasheet Search
  English  ▼

X  

5421 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5421
Description  UHMW Polyethylene Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5421 Datasheet(HTML) 1 Page - 3M Electronics

  5421 Datasheet HTML 1Page - 3M Electronics 5421 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G/COE/Product Technical Data Sheets/425.431.438.1433.1437
UHMW Polyethylene Tape
5421 ∙ 5423
Technical Data
July, 2016
Product Description
3M™ UHMW Polyethylene Tapes are film coated with a rubber adhesive which
provides an excellent abrasion resistant surface. These tapes feature a unique
combination of properties that make it ideal for many tough impact wear or sliding
applications. 3M™ UHMW-PE Film Tape 5421 is a thinner version of 3M™ UHMW-
PE Film Tape 5423.
Product Construction
Backing
Adhesive
Color
Standard Roll
Length
UHMW-PE Film
(ultra-high molecular
weight polyethylene)
Rubber
Translucent
36 yds. (32.9 m)
Typical Physical
Properties
Note: The following technical information and data should be considered
representative or typical only, and should not be used for specification purposes.
ASTM Test
Method
3M tape 5421
Adhesion to Steel:
Tensile Strength:
Elongation at Break:
Backing Thickness:
Total Tape Thickness
(without liner):
Liner Thickness:
Temperature Use Range:
3M tape 5423
Adhesion to Steel:
Tensile Strength:
Elongation at Break:
Backing Thickness:
Total Tape Thickness
(without liner):
Liner Thickness:
Temperature Use Range:
34 oz./in. width (37 N/100 mm)
46 lbs/in. width (796 N/100 mm)
470%
5.0 mils (0.13 mm)
6.7 mils (0.17 mm)
3.5 mils (0.09 mm)
-30° to 225°F (-34° to 107°C)
36 oz./in. width (39 N/100 mm)
86 lbs/in. width (1500 N/100 mm)
530%
10 mils (0.25 mm)
12 mils (0.30 mm)
3.5 mils (0.09 mm)
-30° to 225°F (-34° to 107°C)
D-3330
D-3759
D-3759
D-3652
D-3652
D-3652
D-3330
D-3759
D-3759
D-3652
D-3652
D-3652


Similar Part No. - 5421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5421 ETC1-5421 Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
logo
Heyco.
5421 HEYCO-5421 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Schurter Inc.
5421.1051101 SCHURTER-5421.1051101 Datasheet
712Kb / 4P
IEC Appliance Inlet C14 Modular Assembling Options
5421.1051121 SCHURTER-5421.1051121 Datasheet
712Kb / 4P
IEC Appliance Inlet C14 Modular Assembling Options
5421.1053101 SCHURTER-5421.1053101 Datasheet
712Kb / 4P
IEC Appliance Inlet C14 Modular Assembling Options
More results

Similar Description - 5421

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9546 3M-9546 Datasheet
43Kb / 2P
Double Coated Polyethylene Foam Tape
Aug-2001
1503 3M-1503 Datasheet
48Kb / 2P
3MTM Tan Polyethylene Single Coated Medical Tape
Jun-2013
1521 3M-1521 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Jul-2013
1523 3M-1523 Datasheet
48Kb / 2P
3MTM Blush Tan Polyethylene Single Coated Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
5430 3M-5430 Datasheet
176Kb / 2P
UHMW Polyethylene Tape
Jul-2016
4492W 3M-4492W Datasheet
143Kb / 6P
3M™ Double Coated Polyethylene Foam Tape 4492W
Dec-2014
390 3M-390 Datasheet
572Kb / 5P
3M™ Scotch® Polyethylene Coated Cloth Tape
Nov-2010
logo
List of Unclassifed Man...
5401G ETC-5401G Datasheet
34Kb / 2P
Enhanced Polyethylene Resin
May 2001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com