Electronic Components Datasheet Search
  English  ▼

X  

IL7906 Datasheet(PDF) 1 Page - Integral Corp.

Part # IL7906
Description  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL7906 Datasheet(HTML) 1 Page - Integral Corp.

  IL7906 Datasheet HTML 1Page - Integral Corp. IL7906 Datasheet HTML 2Page - Integral Corp. IL7906 Datasheet HTML 3Page - Integral Corp. IL7906 Datasheet HTML 4Page - Integral Corp. IL7906 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IL79XXC SERIES
1
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
The IL7900 series of fixed output negative
voltage regulators are intended as complements to
the IL7800 series devices. These negative regulators
are available in the same seven-voltage options as
the IL7800 devices. In addition, one extra voltage
option commonly employed in MECL systems is also
available in the current series.
Available in fixed output voltage options from -5.0 to -24 volts, these regulators employ
current limiting, thermal shutdown, and safe-area compensation - making them remarkably
rugged under most operating conditions. With adequate heatsinking they can deliver
output currents in excess of 1.0 ampere.
♦ No External Components Required
♦ Internal Thermal Overload Protection
♦ Internal Short - Circuit Current Limiting
♦ Output
Transistor
Safe
-
Area
Compensation
♦ Available in 4% Voltage Tolerance
Device type/nominal output voltage
IL7905
IL7905.2
IL7906
IL7908
5 V
5.2 V
6 V
8 V
IL7912
IL7915
IL7918
IL7924
12 V
15 V
18 V
24 V
Maximum ratings (TA = +25 °C unless otherwise noted)
Rating
Symbol
Value
Unit
Input Voltage (-5.0V
≥Vo≥- 18V)
(24 V)
VI
-35
-40
Vdc
Power Dissipation
Plastic Package
TA = +25
°C
Derate above TA = +25
°C
Tc = +25
°C
Derate above Tc=+95
°C
PD
1/RΘJA
PD
1/RΘJA
Internally Limited
15.4
Internally Limited
200
Watts
mW/
°C
Watts
mW/
°C
Storage Junction Temperature Rang
Tstg
-65 to +150
°C
Operating Junction Temperature Rang
TJ
0 to +150
°C
Pin 1. I nput
2. Ground
3. Output
(H eatsink
surface connected
to Pin 2.)
TO-220 AB
STANDARD APPLICATION
IL79XX
Co
1.0 F
Cin
0.33 F
input
output
A common ground is required between the input and
the output voltages. The input voltage must remain
typically 2.0V more negative even during the high
point on the input ripple voltage.
XX - these two digits of the type number indicate
voltage
Cin - is required if regulator is located an appreciable
distance from power supply filter
Co - improves stability and transient response


Similar Part No. - IL7906

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L05 INTEGRAL-IL79L05 Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L12 INTEGRAL-IL79L12 Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L15 INTEGRAL-IL79L15 Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L18 INTEGRAL-IL79L18 Datasheet
122Kb / 4P
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IL7906

ManufacturerPart #DatasheetDescription
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
Three-Terminal Negative Voltage Regulators
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
Three-Terminal Negative Voltage Regulators
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com