Electronic Components Datasheet Search
  English  ▼

X  

4516 Datasheet(PDF) 7 Page - 3M Electronics

Part # 4516
Description  Single-Coated Foam Tapes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4516 Datasheet(HTML) 7 Page - 3M Electronics

  4516 Datasheet HTML 1Page - 3M Electronics 4516 Datasheet HTML 2Page - 3M Electronics 4516 Datasheet HTML 3Page - 3M Electronics 4516 Datasheet HTML 4Page - 3M Electronics 4516 Datasheet HTML 5Page - 3M Electronics 4516 Datasheet HTML 6Page - 3M Electronics 4516 Datasheet HTML 7Page - 3M Electronics 4516 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3M™ Single-Coated Foam Tapes
4100 • 4300 • 4500 • 4700 Series
- 7 -
3M urethane foam
3M urethane foam
3M vinyl foam
3M vinyl foam
tape series 4100
tape series 4300
tape series 4500
tape series 4700
Solvent/Fuel
Adhesive
Foam
Adhesive
Foam
Adhesive
Foam
Adhesive
Foam
Acetone
Softens
Softens
No effect
No effect
Softens
Swells
Softens
Swells
Ammonia Cleaner
No effect
No effect
No effect
No effect
No effect
No effect
No effect
No effect
Engine Oil
No effect
No effect
No effect
No effect
No effect
No effect
No effect
No effect
Gasoline
Softens
Swells
Softens
No effect
No effect
No effect
No effect
No effect
JP-4 (jet fuel)
Softens
Swells
Softens
No effect
No effect
No effect
No effect
No effect
MEK
Softens
Softens
Softens
Swells
Softens
Swells
Softens
Swells
Mineral Spirits
No effect
Swells
Softens
No effect
No effect
No effect
No effect
No effect
Soapy Water
No effect
No effect
No effect
No effect
No effect
No effect
No effect
No effect
*Visual observations of tape bonded to steel panels and immersed totally in solvent/fuel for 24 hours.
Environmental Exposure
Solvent/Fuel Resistance*
Resistance to high temperature service conditions
3M™ Urethane Foam – 200°F (93°C) continuous
Tape Series 4100
350°F (177°C) - 30 minutes maximum time
3M™ Urethane Foam – 150°F (66°C) continuous
Tape Series 4300
250°F (121°C) - 30 minutes maximum time
3M™ Vinyl Foam
– 150°F (66°C) continuous
Tape Series 4500
250°F (121°C) - 30 minutes maximum time
3M™ Vinyl Foam
– 150°F(66°C) continuous
Tape Series 4700
250°F (121°C) - 30 minutes maximum time
Resistance to low temperature service conditions
3M urethane foam – Cold flex at 0°F (-18°C) no cracks*
tape series 4100
3M urethane foam – Cold flex at -20°F (-29°C) no cracks*
tape series 4300
3M viny foam
– Cold flex at 0°F (-18°C) no cracks*
tape series 4500
3M vinyl foam
– Cold flex at 0°F (-18°C) no cracks*
tape series 4700
*Tape slowly bent around a 1/4 in. diameter mandrel
Application Techniques
• Bond strength is dependent upon the amount of adhesive-to-surface contact. Firm
application pressure develops better adhesive contact and helps improve bond
strength.
• To obtain optimum adhesion, the bonding surface must be clean, dry, and well
unified. Some typical surface cleaning solvents are isopropyl alcohol and heptane.*
*Be sure to follow the solvent manufacturer’s precautions and directions for use
when handling solvents.
• Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial
tape application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
Storage
Store in the original cartons at 60-80°F (15-27°C) and 50% relative humidity.
Shelf Life
18 months from date of manufacture.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com