Electronic Components Datasheet Search
  English  ▼

X  

8902 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8902
Description  Polyester Tapes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8902 Datasheet(HTML) 1 Page - 3M Electronics

  8902 Datasheet HTML 1Page - 3M Electronics 8902 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Polyester Tapes
8901 • 8902 • 8905
Technical Data
June, 2011
Product
Description
3M™ Polyester Tapes 8901, 8902, and 8905 are all made with strong polyester backing and
silicone adhesive, allowing them to be used in applications requiring high temperatures or
adhesion to silicone treated surfaces. This tape family offers a range of backing thickness to
accommodate application needs from thin tape for splicing to a thicker, stronger tape from
pulling through flashing or multiple layers.
Product
Construction
Backing
Adhesive
Color
Standard Roll Length
Polyester
Silicone
Blue
72 yds. (65.8 m)
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Polyester Tapes
ASTM
8901
8902
8905
Test Method
Adhesion to Steel:
29 (31)
37 (40)
26 (28)
oz./in. (N/100mm)
D-3330
Tensile Strength :
26 (455)
46 (805)
110 (1920)
lbs./in. (N/100mm)
D-3759
Elongation at Break:
115
100
115
%
D-3759
Total Thickness:
2.4 (0.061) 3.5 (0.08)
6.5 (0.16)
mils (mm)
D-3652
Backing Thickness:
0.9 (0.02)
2.0 (0.05)
5.0 (0.12)
mils (mm)
D-3652
Temperature Use Range: 400 (204)
400 (204)
400 (204)
Up to °F (°C)
Features
• Polyester films offer excellent thermal, abrasion, and chemical resistance while
maintaining their flexibility.
• Silicone adhesives offer high heat resistance compared to many rubber and acrylic
adhesives, reducing failure due to softening, oozing and adhesive transfer.
• Silicone adhesives adhere well to tough-to-stick-to surfaces like silicone liners and
fixtures coated with mold release.
• Removes cleanly from stainless steel, anodized aluminum and glass after a 5 hour.
bake cycle at 350°F (177°C).
• Variety of tape thicknesses offered allows uses for multiple applications.
Application Ideas
• Splicing of silicone treated webs.
• Masking parts for powder coat painting
• Holding parts or sealing vacuum bags during processing
• Masking edges of overlap seams in metal bonding process where excess adhesive flows
onto tape. Minimizes clean-up on tape removal.


Similar Part No. - 8902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8902 ETC2-8902 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8902 ETC2-8902 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8902 ETC2-8902 Datasheet
114Kb / 2P
LED SPACER MOUNTS
8902 ETC2-8902 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8902 ETC2-8902 Datasheet
327Kb / 1P
LED SPACER MOUNTS
More results

Similar Description - 8902

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4950 3M-4950 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
F9473PC 3M-F9473PC Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
9425 3M-9425 Datasheet
61Kb / 5P
3M Repositionable Tapes
Jan-2011
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
logo
Bertech.
ESDBPT BERTECH-ESDBPT Datasheet
220Kb / 1P
ESD Polyester Tapes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com