Electronic Components Datasheet Search
  English  ▼

X  

9474LE Datasheet(PDF) 1 Page - 3M Electronics

Part # 9474LE
Description  Double Coated Tapes 9474LE ??9495LE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9474LE Datasheet(HTML) 1 Page - 3M Electronics

  9474LE Datasheet HTML 1Page - 3M Electronics 9474LE Datasheet HTML 2Page - 3M Electronics 9474LE Datasheet HTML 3Page - 3M Electronics 9474LE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Double Coated Tapes 9474LE
• 9495LE
Product Description
3M™ Double Coated Tapes with 3M™ Laminating Adhesive 300LSE provides high bond strength to most surfaces, including
many low surface energy plastics such as polypropylene and powder coated paints. The acrylic adhesive also provides excellent
adhesion to surfaces contaminated lightly with oil typically used with machine parts.
3
Technical Data
November 2011
Construction
Faceside1
Carrier
Backside2
Liner
Total Tape
Product
Adhesive
Type/
Adhesive
Color, Type,
Liner
Thickness
Number
Thickness
Thickness
Thickness
Print
Caliper3
(w/o liner)
3M™ Double
2.8 mil
Clear Polyester
3.4 mil
Faceside Liner/
4.2 mil
6.7 mil
Coated Tape
(0.071mm)
0.5 mil
(0.086mm)
Tan, 58#
(0.11mm)/
(0.17mm)
9474LE
(0.013mm)
Polycoated Kraft,
4.2 mil
no print
(0.11mm)
Backside Liner/
Tan, 58#
Polycoated Kraft,
“3M 300LSE”
3M™ Double
2.8 mil
Clear Polyester
3.4 mil
Tan, 58#,
4.2 mil
6.7 mil
Coated Tape
(0.071mm)
0.5 mil
(0.086mm)
Polycoated Kraft
(0.11mm)
(0.17mm)
9495LE
(0.013mm)
“3M 300LSE”
Note 1: Faceside (FS) adhesive is on the interior of the roll, exposed when unwound.
Note 2: Backside (BS) adhesive is on the exterior of the roll, exposed when liner is removed.
Note 3: The caliper listed is based on a calculation from manufacturing controlled adhesive coat weights using a density of 1.012 g/cc.
Features
• This tape has a film carrier which can add dimensional stability to foams and other substrates and also makes it easier to
handle the tape during slitting and die-cutting.
• 3M™ Double Coated Tape 9474LE features a dual liner for ease in selective die cutting.
• The bond strength of 3M™ Laminating Adhesive 300LSE increases as a function of time and temperature, and has very
high initial adhesion.
Application Ideas
• Foam to powder coated painted surfaces.
• Low surface energy plastic adhesion.
• Lens bonding applications.


Similar Part No. - 9474LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
9474 STMICROELECTRONICS-9474 Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
logo
3M Electronics
94741 3M-94741 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94742 3M-94742 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94743 3M-94743 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94745 3M-94745 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
More results

Similar Description - 9474LE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
R3187 3M-R3187 Datasheet
220Kb / 2P
Repulpable Single-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
9086 3M-9086 Datasheet
17Kb / 3P
High Performance Double Coated Tapes with Adhesive 375
05277 3M-05277 Datasheet
189Kb / 4P
Double Coated Tapes 9492MP ??9495MP ??9495MPF ??9495B
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com